Electronic Components Datasheet Search
  English  ▼

X  

AM3703CBPD100 Datasheet(PDF) 147 Page - Texas Instruments

Click here to check the latest version.
Part # AM3703CBPD100
Description  Sitara ARM Microprocessors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3703CBPD100 Datasheet(HTML) 147 Page - Texas Instruments

Back Button AM3703CBPD100 Datasheet HTML 143Page - Texas Instruments AM3703CBPD100 Datasheet HTML 144Page - Texas Instruments AM3703CBPD100 Datasheet HTML 145Page - Texas Instruments AM3703CBPD100 Datasheet HTML 146Page - Texas Instruments AM3703CBPD100 Datasheet HTML 147Page - Texas Instruments AM3703CBPD100 Datasheet HTML 148Page - Texas Instruments AM3703CBPD100 Datasheet HTML 149Page - Texas Instruments AM3703CBPD100 Datasheet HTML 150Page - Texas Instruments AM3703CBPD100 Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 280 page
background image
swps038-125
= External pin
VREF
TVDET
TVBUF
+
–
I DAC
AVDAC
vssa_dac
vdda_dac
cvideo1_out
cvideo1_vfb
cvideo1_rset
R
SET
R
LOAD
R
OUT
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
5
Video DAC Specifications
NOTE
For more information regarding the VideoDAC architecture, see the Display Subsystem /
Display Subsystem Functional Description / Video Encoder Functionalities / Video DAC
Stage
—Architecture and Control section of AM/DM37x Technical Reference Manual
(literature number SPRUGN4).
5.1
TVOUT Buffer Mode (DAC + Buffer)
NOTE
AVDAC normal mode (DAC + Buffer), higher values of the DAC input code provided by the
Video Encoder will result in lower output voltage due to the inverting configuration of the
TVOUT Buffer. See Figure 5-4 for more details on the relation between the composite video
signal levels and the DAC code values for normal mode of operation.
In AVDAC bypass mode (DAC only), higher values of the DAC input code will result in higher
output voltage, as the TVOUT Buffer path is bypassed.
The connection for this TVOUT buffer mode (DAC + Buffer) normal mode of operation is shown in
Figure 5-1. The default mode of operation is dc coupling. For more information regarding the
recommended values of the external components, see Section 5.4, Electrical Specifications Over
Recommended Operating Conditions.
Figure 5-1. Recommended Loading Conditions for TVOUT Buffer Mode(1)
(1) In single-channel configuration only channel-1 is used.
Copyright
© 2010–2011, Texas Instruments Incorporated
Video DAC Specifications
147
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com