| Electronic Components Datasheet Search |
|
AM3703CBPD100 Datasheet(PDF) 174 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3703CBPD100 Datasheet(HTML) 174 Page - Texas Instruments |
|
174 / 280 page ![]() GPMC_FCLK gpmc_clk gpmc_ncsx gpmc_a[10:1] gpmc_nbe0_cle gpmc_nbe1 gpmc_nadv_ale gpmc_noe gpmc_d[15:0] gpmc_waitx gpmc_io_dir Add0 Add1 Add2 Add3 Add4 D0 D1 D2 D3 D3 OUT IN OUT FA1 FA0 FA18 FA13 FA12 FA0 FA9 FA10 FA10 FA21 FA14 FA15 SWPS038-021 FA20 FA20 FA20 AM3715, AM3703 SPRS616F – JUNE 2010 – REVISED AUGUST 2011 www.ti.com (1) In gpmc_ncsx, x is equal to 0, 1, 2, 3, 4, 5, 6, or 7. In gpmc_waitx, x is equal to 0, 1, 2, or 3. (2) FA21 parameter illustrates amount of time required to internally sample first input page data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA21 functional clock cycles, first input page data will be internally sampled by active functional clock edge. FA21 calculation must be stored inside AccessTime register bits field. (3) FA20 parameter illustrates amount of time required to internally sample successive input page data. It is expressed in number of GPMC functional clock cycles. After each access to input page data, next input page data will be internally sampled by active functional clock edge after FA20 functional clock cycles. FA20 is also the duration of address phases for successive input page data (excluding first input page data). FA20 value must be stored in PageBurstAccessTime register bits field. (4) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. Figure 6-9. GPMC / NOR Flash —Asynchronous Read—Page Mode 4x16-bit 174 Timing Requirements and Switching Characteristics Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3715 AM3703 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |