Electronic Components Datasheet Search
  English  ▼

X  

ADS7816PC Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS7816PC
Description  12-Bit High Speed Micro Power Sampling
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7816PC Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS7816PC Datasheet HTML 3Page - Texas Instruments ADS7816PC Datasheet HTML 4Page - Texas Instruments ADS7816PC Datasheet HTML 5Page - Texas Instruments ADS7816PC Datasheet HTML 6Page - Texas Instruments ADS7816PC Datasheet HTML 7Page - Texas Instruments ADS7816PC Datasheet HTML 8Page - Texas Instruments ADS7816PC Datasheet HTML 9Page - Texas Instruments ADS7816PC Datasheet HTML 10Page - Texas Instruments ADS7816PC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
®
ADS7816
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VCC = +5V, VREF = +5V, fSAMPLE = 200kHz, and fCLK = 16 • fSAMPLE, unless otherwise specified.
CHANGE IN INTEGRAL LINEARITY and DIFFERENTIAL
LINEARITY vs SAMPLE RATE
1.5
1.0
0.5
0
–0.5
0
100
200
300
400
500
Sample Rate (kHz)
Change in Integral
Linearity (LSB)
Change in Differential
Linearity (LSB)
REFERENCE CURRENT vs TEMPERATURE
(Code = 710h)
55
50
45
40
35
30
25
–55
–40
–25
0
25
70
85
Temperature (°C)
REFERENCE CURRENT vs SAMPLE RATE
(Code = 710h)
40
35
30
25
20
15
10
5
0
0
40
80
120
160
200
Sample Rate (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com