Electronic Components Datasheet Search
  English  ▼

X  

CDC339DBR Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC339DBR
Description  CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC339DBR Datasheet(HTML) 1 Page - Texas Instruments

  CDC339DBR Datasheet HTML 1Page - Texas Instruments CDC339DBR Datasheet HTML 2Page - Texas Instruments CDC339DBR Datasheet HTML 3Page - Texas Instruments CDC339DBR Datasheet HTML 4Page - Texas Instruments CDC339DBR Datasheet HTML 5Page - Texas Instruments CDC339DBR Datasheet HTML 6Page - Texas Instruments CDC339DBR Datasheet HTML 7Page - Texas Instruments CDC339DBR Datasheet HTML 8Page - Texas Instruments CDC339DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CDC339
CLOCK DRIVER
WITH 3STATE OUTPUTS
SCAS331 − DECEMBER 1992 − REVISED MARCH 1994
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Output Skew, Low Pulse Skew for
Clock-Distribution and Clock-Generation
Applications
D TTL-Compatible Inputs and Outputs
D Distributes One Clock Input to Eight
Outputs
− Four Same-Frequency Outputs
− Four Half-Frequency Outputs
D Distributed VCC and Ground Pins Reduce
Switching Noise
D High-Drive Outputs (−48-mA IOH,
48-mA IOL)
D State-of-the-Art EPIC-ΙΙB BiCMOS Design
Significantly Reduces Power Dissipation
D Package Options Include Plastic
Small-Outline (DW) and Shrink
Small-Outline (DB) Packages
description
The CDC339 is a high-performance, low-skew clock driver. It is specifically designed for applications requiring
synchronized output signals at both the primary clock frequency and one-half the primary clock frequency. The
four Y outputs switch in phase and at the same frequency as the clock (CLK) input. The four Q outputs switch
at one-half the frequency of CLK.
When the output-enable (OE) input is low and the clear (CLR) input is high, the Y outputs follow CLK and the
Q outputs toggle on low-to-high transitions of CLK. Taking CLR low asynchronously resets the Q outputs to the
low level. When OE is high, the outputs are in the high-impedance state.
The CDC339 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUTS
OE
CLR
CLK
Y1−Y4
Q1− Q4
H
X
X
Z
Z
L
LL
L
L
L
LH
H
L
L
HL
L
Q0†
L
H
↑
H
Q0†
† The level of the Q outputs before the
indicated steady-state input conditions were
established.
Copyright
 1994, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Y3
GND
Y4
VCC
OE
CLR
VCC
Q4
GND
Q3
Y2
GND
Y1
VCC
CLK
GND
VCC
Q1
GND
Q2
DB OR DW PACKAGE
(TOP VIEW)


Similar Part No. - CDC339DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC339DB TI-CDC339DB Datasheet
105Kb / 7P
CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC339DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC337 TI-CDC337 Datasheet
119Kb / 8P
CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC339 TI-CDC339 Datasheet
105Kb / 7P
CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC536 TI-CDC536 Datasheet
170Kb / 12P
3.3-V PHASE-LOCK LOOP CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC9843 TI-CDC9843 Datasheet
124Kb / 8P
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC9841 TI-CDC9841 Datasheet
135Kb / 9P
PC MOTHERBOARD CLOCK SYNTHESIZER/DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC330 TI1-CDC330 Datasheet
110Kb / 7P
CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC337 TI1-CDC337_12 Datasheet
462Kb / 12P
Clock Driver with 3-state output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com