Electronic Components Datasheet Search
  English  ▼

X  

CDC339DB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDC339DB
Description  CLOCK DRIVER WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC339DB Datasheet(HTML) 4 Page - Texas Instruments

  CDC339DB Datasheet HTML 1Page - Texas Instruments CDC339DB Datasheet HTML 2Page - Texas Instruments CDC339DB Datasheet HTML 3Page - Texas Instruments CDC339DB Datasheet HTML 4Page - Texas Instruments CDC339DB Datasheet HTML 5Page - Texas Instruments CDC339DB Datasheet HTML 6Page - Texas Instruments CDC339DB Datasheet HTML 7Page - Texas Instruments CDC339DB Datasheet HTML 8Page - Texas Instruments CDC339DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CDC339
CLOCK DRIVER
WITH 3STATE OUTPUTS
SCAS331 − DECEMBER 1992 − REVISED MARCH 1994
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figures 1 and 2)12
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP†
MAX
UNIT
fmax
80
MHz
tPLH
CLK
Any Y or Q
3
9
ns
tPHL
CLK
Any Y or Q
3
9
ns
tPHL
CLR
Any Q
4
9
ns
tPZH
OE
Any Y or Q
2
7
ns
tPZL
OE
Any Y or Q
3
7
ns
tPHZ
OE
Any Y or Q
2
7
ns
tPLZ
OE
Any Y or Q
2
7
ns
Y
↑
0.75
tsk(o)
CLK
↑
Q
↑
0.9
ns
tsk(o)
CLK
↑
Y
↑ and Q↑
0.9
ns
tr
0.9
ns
tf
0.7
ns
† All typical values are at VCC = 5 V, TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com