Electronic Components Datasheet Search
  English  ▼

X  

TX28454 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TX28454
Description  Two 10/100Mbps Ethernet ports with IEEE1588 support, Two High-Speed USB 2.0 ports
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX28454 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  TX28454 Datasheet HTML 1Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 2Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 3Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 4Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 5Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 6Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 7Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 8Page - List of Unclassifed Manufacturers TX28454 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TX28
PIN
Type
Function
i.MX28 Pad Name
Alternate functions
GPIO
Description (refer to i.MX28 manuals for details)
Synchronous Serial Port 2 instead of the standard CMOS Sensor Interface
103
3V3
SSP0_DATA4
SSP2_D0
GPIO2_4
104
3V3
SSP1_SCK
SSP2_D1
ENET0_1588_EVENT2_O
GPIO2_12
105
3V3
SSP1_CMD
SSP2_D2
ENET0_1588_EVENT2_IN
GPIO2_13
106
3V3
SSP2_SS0
AUART3_TX
SAIF1_SDATA2
GPIO2_19
107
3V3
SSP2_SS1
SSP2_D1
USB1_OVERCURRENT
GPIO2_20
108
3V3
SSP2_SS2
SSP2_D2
USB0_OVERCURRENT
GPIO2_21
109
3V3
SSP1_DATA0
SSP2_D6
ENET0_1588_EVENT3_O
GPIO2_14
110
3V3
SSP1_DATA3
SSP2_D7
ENET0_1588_EVENT3_IN
GPIO2_15
111
GND
GND
112
3V3
SSP2_MISO
AUART3_RX
SAIF1_SDATA1
GPIO2_18
113
3V3
SSP2_MOSI
AUART2_TX
SAIF0_SDATA2
GPIO2_17
114
3V3
SSP2_SCK
AUART2_RX
SAIF0_SDATA1
GPIO2_16
115
3V3
PWM1
I2C1_SDA
DUART_TX
GPIO3_17
116
GND
GND
LCD Controller and Smart LCD Controller
117
3V3
LD0
LCD_D00
ETM_DA0
GPIO1_0
57K-PD
Boot mode selection at startup: BM0 (47K-PU if BOOTMODE=L)
LCD Data Bus
118
3V3
LD1
LCD_D01
ETM_DA1
GPIO1_1
47K-PD
Boot mode selection at startup: BM1
LCD Data Bus
119
3V3
LD2
LCD_D02
ETM_DA2
GPIO1_2
57K-PU
Boot mode selection at startup: BM2 (10K-PD if BOOTMODE=L)
LCD Data Bus
120
3V3
LD3
LCD_D03
ETM_DA3
ETM_DA8
GPIO1_3
57K-PD
Boot mode selection at startup: BM3 (47K-PU if BOOTMODE=L)
LCD Data Bus
121
3V3
LD4
LCD_D04
ETM_DA4
ETM_DA9
GPIO1_4
47K-PD
Boot mode selection at startup: VOLTAGE SELECTOR
LCD Data Bus
122
3V3
LD5
LCD_D05
ETM_DA5
GPIO1_5
47K-PD
Boot mode selection at startup: ETM ENABLE
LCD Data Bus
123
3V3
LD6
LCD_D06
ETM_DA6
GPIO1_6
LCD Data Bus
124
3V3
LD7
LCD_D07
ETM_DA7
GPIO1_7
LCD Data Bus
125
3V3
LD8
LCD_D08
ETM_DA8
ETM_DA3
GPIO1_8
LCD Data Bus
126
3V3
LD9
LCD_D09
ETM_DA9
ETM_DA4
GPIO1_9
LCD Data Bus
127
3V3
LD10
LCD_D10
ETM_DA10
GPIO1_10 LCD Data Bus
128
3V3
LD11
LCD_D11
ETM_DA11
GPIO1_11 LCD Data Bus
129
GND
GND
130
3V3
LD12
LCD_D12
ETM_DA12
GPIO1_12 LCD Data Bus
131
3V3
LD13
LCD_D13
ETM_DA13
GPIO1_13 LCD Data Bus
132
3V3
LD14
LCD_D14
ETM_DA14
GPIO1_14 LCD Data Bus
133
3V3
LD15
LCD_D15
ETM_DA15
GPIO1_15 LCD Data Bus
134
3V3
LD16
LCD_D16
ETM_DA7
GPIO1_16 LCD Data Bus
135
3V3
LD17
LCD_D17
ETM_DA6
GPIO1_17 LCD Data Bus
136
3V3
LD18
LCD_D18
ETM_DA5
GPIO1_18 LCD Data Bus
137
3V3
LD19
LCD_D19
ETM_DA4
GPIO1_19 LCD Data Bus
138
3V3
LD20
LCD_D20
ENET1_1588_EVENT2_O
ETM_DA3
GPIO1_20 LCD Data Bus
139
3V3
LD21
LCD_D21
ENET1_1588_EVENT2_IN
ETM_DA2
GPIO1_21 LCD Data Bus
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com