Electronic Components Datasheet Search
  English  ▼

X  

TX28128F Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TX28128F
Description  Two 10/100Mbps Ethernet ports with IEEE1588 support, Two High-Speed USB 2.0 ports
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TX28128F Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  TX28128F Datasheet HTML 1Page - List of Unclassifed Manufacturers TX28128F Datasheet HTML 2Page - List of Unclassifed Manufacturers TX28128F Datasheet HTML 3Page - List of Unclassifed Manufacturers TX28128F Datasheet HTML 4Page - List of Unclassifed Manufacturers TX28128F Datasheet HTML 5Page - List of Unclassifed Manufacturers TX28128F Datasheet HTML 6Page - List of Unclassifed Manufacturers TX28128F Datasheet HTML 7Page - List of Unclassifed Manufacturers TX28128F Datasheet HTML 8Page - List of Unclassifed Manufacturers TX28128F Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TX28
PIN
Type
Function
i.MX28 Pad Name
Alternate functions
GPIO
Description (refer to i.MX28 manuals for details)
178
NC
not connected
179
3V3
GPMI_CLE
Fixed function GPMI_CLE used for NAND flash
180
3V3
GPMI_ALE
Fixed function GPMI_ALE used for NAND flash
181
3V3
GPMI_WRN
Fixed function GPMI_WRN used for NAND flash
182
3V3
GPMI_RDN
Fixed function GPMI_RDN used for NAND flash
183
GND
GND
184
NC
not connected
185
analog XN
LRADC4
Touscreen ADC input channels
186
analog XP
LRADC2
187
analog YN
LRADC5
188
analog YP
LRADC3
189
analog WIPER
LRADC6
190
analog
LRADC0
General purpose measurements channels
191
analog
LRADC1
192
analog
HSADC0
193
NC
not connected
194
NC
not connected
195
NC
not connected
196
NC
not connected
197
3V3
ENET0_TX_CLK
GPIO4_5
10K-PU
Fixed function input used for Ethernet PHY Interrupt
198
3V3
ENET_MDC
Fixed function ENET_MDC used for Ethernet PHY
199
3V3
ENET0_MDIO
1K-PU
Fixed function ENET0_MDIO used for Ethernet PHY
200
GND
GND
GND
Ka-Ro electronics GmbH - Pascalstr. 22, D-52076 Aachen, Germany - Tel.: +49 2408 1402-0 (FAX -10)
www.karo-electronics.de



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com