Electronic Components Datasheet Search
  English  ▼

X  

1941000000 Datasheet(PDF) 5 Page - Weidmuller

Part # 1941000000
Description  PCB connection systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1941000000 Datasheet(HTML) 5 Page - Weidmuller

  1941000000 Datasheet HTML 1Page - Weidmuller 1941000000 Datasheet HTML 2Page - Weidmuller 1941000000 Datasheet HTML 3Page - Weidmuller 1941000000 Datasheet HTML 4Page - Weidmuller 1941000000 Datasheet HTML 5Page - Weidmuller 1941000000 Datasheet HTML 6Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Product catalogue | PCB connection systems | PCB plug-in connectors | Pitch 3.81 mm (0.150 inch) | Socket connectors,
screw clamp connection, pitch 3.81 | BCZ 3.81/180 | BCZ 3.81/180
- 5 -
1899390000
BCZ 3.81/11/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 11, 180°, Box
1940830000
BCZ 3.81/12/180 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 12, 180°, Box
1792840000
BCZ 3.81/12/180 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 12, 180°, Box
1792930000
BCZ 3.81/12/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 12, 180°, Box
1940840000
BCZ 3.81/13/180 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 13, 180°, Box
1899440000
BCZ 3.81/13/180 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 13, 180°, Box
1899430000
BCZ 3.81/13/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 13, 180°, Box
1940850000
BCZ 3.81/14/180 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 14, 180°, Box
1899480000
BCZ 3.81/14/180 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 14, 180°, Box
1899470000
BCZ 3.81/14/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 14, 180°, Box
1940860000
BCZ 3.81/15/180 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 15, 180°, Box
1899520000
BCZ 3.81/15/180 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 15, 180°, Box
1899510000
BCZ 3.81/15/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 15, 180°, Box
1940870000
BCZ 3.81/16/180 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 16, 180°, Box
1792850000
BCZ 3.81/16/180 SN SW
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 16, 180°, Box
1792940000
BCZ 3.81/16/180 SN GN
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 16, 180°, Box
1940890000
BCZ 3.81/17/180 SN OR
PCB plug-in connector, Female connectors, Clamping yoke
connection, Clamping range, max.: 1.5 mm², Pitch: 3.81 mm, No. of
poles: 17, 180°, Box



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com