Electronic Components Datasheet Search
  English  ▼

X  

LM3881 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3881
Description  LM3881 Power Sequencer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3881 Datasheet(HTML) 2 Page - Texas Instruments

  LM3881 Datasheet HTML 1Page - Texas Instruments LM3881 Datasheet HTML 2Page - Texas Instruments LM3881 Datasheet HTML 3Page - Texas Instruments LM3881 Datasheet HTML 4Page - Texas Instruments LM3881 Datasheet HTML 5Page - Texas Instruments LM3881 Datasheet HTML 6Page - Texas Instruments LM3881 Datasheet HTML 7Page - Texas Instruments LM3881 Datasheet HTML 8Page - Texas Instruments LM3881 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LM3881
SNVS555C – JANUARY 2008 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VCC, EN, INV, TADJ, FLAG1, FLAG2, FLAG3 to GND
-0.3V to +6.0V
Storage Temperature Range
-65°C to +150°C
Junction Temperature
150°C
Lead Temperature (Soldering, 5 sec.)
260°C
Minimum ESD Rating (3)
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
(1)
VCC to GND
2.7V to 5.5V
EN, INV, TADJ, FLAG1, FLAG2, FLAG3 to GND
-0.3V to VCC + 0.3V
Junction Temperature
-40°C to +125°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those in bold face type apply over the full Operating Temperature
Range (TJ = -40°C to +125°C). Minimum and Maximum limits are ensured through test, design or statistical correlation.
Typical values represent the most likely parametric norm at TJ = 25°C and are provided for reference purposes only. VCC =
3.3V, unless otherwise specified.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Unit
IQ
Operating Quiescent Current
80
110
µA
Open Drain Flags
IFLAG
FLAGx Leakage Current
VFLAGx = 3.3V
0.001
1
µA
VOL
FLAGx Output Voltage Low
IFLAGx = 1.2 mA
0.4
V
Time Delays
ITADJ_SRC
TADJ Source Current
4
12
20
µA
ITADJ_SNK
TADJ Sink Current
4
12
20
µA
VHTH
High Threshold Level
1.0
1.22
1.4
V
VLTH
Low Threshold Level
0.3
0.5
0.7
V
TCLK
Clock Cycle
CADJ = 10 nF
1.2
ms
TD1, TD4
Flag Time Delay
9
10
Clock
Cycles
TD2, TD3, TD5, TD6
Flag Time Delay
8
Clock
Cycles
ENABLE Pin
VEN
EN Pin Threshold
1.0
1.22
1.5
V
IEN
EN Pin Pull-up Current
VEN = 0V
7
µA
INV Pin
VIH_INV
Invert Pin VIH
90% VCC
V
VIL_INV
Invert Pin VIL
10%
V
VCC
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate TI's Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3881



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com