Electronic Components Datasheet Search
  English  ▼

X  

LP2998MR Datasheet(PDF) 14 Page - Texas Instruments

Part # LP2998MR
Description  LP2998 DDR-I and DDR-II Termination Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2998MR Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP2998MR Datasheet HTML 10Page - Texas Instruments LP2998MR Datasheet HTML 11Page - Texas Instruments LP2998MR Datasheet HTML 12Page - Texas Instruments LP2998MR Datasheet HTML 13Page - Texas Instruments LP2998MR Datasheet HTML 14Page - Texas Instruments LP2998MR Datasheet HTML 15Page - Texas Instruments LP2998MR Datasheet HTML 16Page - Texas Instruments LP2998MR Datasheet HTML 17Page - Texas Instruments LP2998MR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VREF = 0.9V
VSENSE
GND
+
+
+
VDDQ = 1.8V
AVIN = 3.3V or 5.5V
VTT = 0.9V
SD
SD
PVIN = 3.3V
CIN
COUT
CREF
VTT
LP2998
PVIN
VDDQ
VREF
AVIN
VSENSE
GND
+
+
+
SD
SD
0.01 PF
AVIN = 2.5V
VDDQ = 1.8V
VTT = 0.9V
VREF = 0.9V
220 PF
47 PF
LP2998
SNVS521I – DECEMBER 2007 – REVISED APRIL 2013
www.ti.com
DDR-II APPLICATIONS
With the separate VDDQ pin and an internal resistor divider it is possible to use the LP2998 in applications
utilizing DDR-II memory. Figure 22 and Figure 23 show several implementations of recommended circuits with
output curves displayed in the Typical Performance Characteristics. Figure 22 shows the recommended circuit
configuration for DDR-II applications. The output stage is connected to the 1.8V rail and the AVIN pin can be
connected to either a 2.5, 3.3V or 5.5V rail.
Figure 22. Recommended DDR-II Termination
If it is not desirable to use the 1.8V rail it is possible to connect the output stage to a 3.3V rail. Care should be
taken to not exceed the maximum operating junction temperature as the thermal dissipation increases with lower
VTT output voltages. For this reason it is not recommended to power PVIN with a rail higher than the nominal
3.3V. The advantage of this configuration is that it has the ability to source and sink a higher maximum
continuous current.
Figure 23. DDR-II Termination With Higher Voltage Rails
LEVEL SHIFTING
If standards other than SSTL-2 are required, such as SSTL-3, it may be necessary to use a different scaling
factor than 0.5 times VDDQ for regulating the output voltage. Several options are available to scale the output to
any voltage required. One method is to level shift the output by using feedback resistors from VTT to the VSENSE
pin. This has been illustrated in Figure 24 and Figure 25. Figure 24 shows how to use two resistors to level shift
VTT above the internal reference voltage of VDDQ/2. To calculate the exact voltage at VTT the following equation
can be used.
VTT = VDDQ/2 (1 + R1/R2)
(11)
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP2998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com