Electronic Components Datasheet Search
  English  ▼

X  

LT1014AMFKB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LT1014AMFKB
Description  QUAD PRECISION OPERATIONAL AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LT1014AMFKB Datasheet(HTML) 5 Page - Texas Instruments

  LT1014AMFKB Datasheet HTML 1Page - Texas Instruments LT1014AMFKB Datasheet HTML 2Page - Texas Instruments LT1014AMFKB Datasheet HTML 3Page - Texas Instruments LT1014AMFKB Datasheet HTML 4Page - Texas Instruments LT1014AMFKB Datasheet HTML 5Page - Texas Instruments LT1014AMFKB Datasheet HTML 6Page - Texas Instruments LT1014AMFKB Datasheet HTML 7Page - Texas Instruments LT1014AMFKB Datasheet HTML 8Page - Texas Instruments LT1014AMFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT1014, LT1014A, LT1014D
QUAD PRECISION OPERATIONAL AMPLIFIERS
SLOS039D − JULY 1989 − REVISED AUGUST 2009
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V, VIC = 0 (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
T †
LT1014C
LT1014D
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
V
Input offset voltage
R
50
Ω
25
°C
60
300
200
800
V
VIO
Input offset voltage
RS = 50 Ω
Full range
550
1000
µV
a
V
IO
Temperature coeficient
of input offset voltage
Full range
0.4
2.5
0.7
5
µV/°C
Long-term drift
of input offset voltage
25
°C
0.5
0.5
µV/mo
I
Input offset current
25
°C
0.15
1.5
0.15
1.5
nA
IIO
Input offset current
Full range
2.8
2.8
nA
I
Input bias current
25
°C
−12
−30
−12
−30
nA
IIB
Input bias current
Full range
−38
−38
nA
VICR
Common-mode
input voltage range
25
°C
−15
to
13.5
−15.3
to
13.8
−15
to
13.5
−15.3
to
13.8
V
VICR
input voltage range
Full range
−15
to 13
−15
to 13
V
V
Maximum peak output
R
2k
Ω
25
°C
±12.5
±14
±12.5
±14
V
VOM
Maximum peak output
voltage swing
RL = 2 kΩ
Full range
±12
±12
V
L
i
l diff
ti l
VO = ±10 V,
RL = 600 Ω
25
°C
0.5
2
0.5
2
AVD
Large-signal differential
voltage amplification
V
±10 V
R
2k
Ω
25
°C
1.2
8
1.2
8
V/
µV
AVD
voltage amplification
VO = ±10 V,
RL = 2 kΩ
Full range
0.7
0.7
V/
µV
CMRR
Common-mode
VIC = −15 V to 13.5 V
25
°C
97
117
97
117
dB
CMRR
Common mode
rejection ratio
VIC = −15 V to 13 V
Full range
94
94
dB
k
Supply-voltage
rejection ratio
V
±2Vto ±18 V
25
°C
100
117
100
117
dB
kSVR
rejection ratio
(
∆VCC/∆VIO)
VCC± = ±2 V to ±18 V
Full range
97
97
dB
Channel separation
VO = ±10 V,
RL = 2 kΩ
25
°C
120
137
120
137
dB
rid
Differential
input resistance
25
°C
70
300
70
300
M
Ω
ric
Common-mode
input resistance
25
°C
4
4
G
Ω
I
Supply current
25
°C
0.35
0.55
0.35
0.55
mA
ICC
Supply current
per amplifier
Full range
0.6
0.6
mA
† Full range is 0
°C to 70°C.
‡ All typical values are at TA = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com