Electronic Components Datasheet Search
  English  ▼

X  

OPA37 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA37
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA37 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA37 Datasheet HTML 8Page - Texas Instruments OPA37 Datasheet HTML 9Page - Texas Instruments OPA37 Datasheet HTML 10Page - Texas Instruments OPA37 Datasheet HTML 11Page - Texas Instruments OPA37 Datasheet HTML 12Page - Texas Instruments OPA37 Datasheet HTML 13Page - Texas Instruments OPA37 Datasheet HTML 14Page - Texas Instruments OPA37 Datasheet HTML 15Page - Texas Instruments OPA37 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
OPA27, OPA37
12
SBOS135C
www.ti.com
FIGURE 12. Low Noise Instrumentation Amplifier.
FIGURE 13. Hydrophone Preamplifier.
FIGURE 14. Long-Wavelength Infrared Detector Amplifier.
FIGURE 15. High Performance Synchronous Demodulator.
Output
OPA37
2
3
6
OPA37
3
2
6
6
1
5
3
2
INA105
Differential Amplifier
Input Stage Gain = 1 + 2R
F /RG
+In
–In
R
G
101
Ω
R
F
5k
Ω
R
F
5k
Ω
Gain = 100
Bandwidth
≈ 500kHz
For Gain = 1000, use INA106 differential amplifier.
25k
Ω
25k
Ω
25k
Ω
25k
Ω
OPA37
Output
1k
Ω
2k
Ω
EDO 6166
Transducer
Frequency Response
≈ 1kHz to 50kHz
2
3
6
1M
Ω
200
Ω
500pF
0.1
µF
Output
NOTE: Use metal film resistors
and plastic film capacitor. Circuit
must be well shielded to achieve
low noise.
Responsivity
≈ 2.5 x 104V/W
Output Noise
≈ 30µVrms, 0.1Hz to 10Hz
Dexter 1M
Thermopile
Detector
100
Ω
100k
Ω
OPA27
2
3
6
0.1
µF
Output
4.99k
Ω
D2
D1
DG188
TTL
In
S1
S2
9.76k
Ω
500
Ω
Balance
Trim
OPA27
2
3
1
8
6
20pF
10k
Ω
1k
Ω
4.75k
Ω
Offset
Trim
4.75k
Ω
+V
CC
Input
TTL INPUT
“1”
“0”
GAIN
+1
–1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com