Electronic Components Datasheet Search
  English  ▼

X  

PCA9548ADGVR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9548ADGVR
Description  8-CHANNEL I2C SWITCH WITH RESET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9548ADGVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCA9548ADGVR Datasheet HTML 9Page - Texas Instruments PCA9548ADGVR Datasheet HTML 10Page - Texas Instruments PCA9548ADGVR Datasheet HTML 11Page - Texas Instruments PCA9548ADGVR Datasheet HTML 12Page - Texas Instruments PCA9548ADGVR Datasheet HTML 13Page - Texas Instruments PCA9548ADGVR Datasheet HTML 14Page - Texas Instruments PCA9548ADGVR Datasheet HTML 15Page - Texas Instruments PCA9548ADGVR Datasheet HTML 16Page - Texas Instruments PCA9548ADGVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
SCL
SDA
SDA LOAD CONFIGURATION
1
2, 3
V
CC
R = 1 k
L
Ω
C = 50 pF
(see Note A)
L
DUT
SDA
Three Bytes for Complete
Device Programming
Stop
Condition
(P)
Start
Condition
(S)
Address
Bit 7
(MSB)
Address
Bit 6
Address
Bit 1
R/
Bit 0
(LSB)
W
ACK
(A)
Data
Bit 7
(MSB)
Data
Bit 0
(LSB)
Stop
Condition
(P)
0.7
V
×
CC
0.3
V
×
CC
VOLTAGE WAVEFORMS
Start or
Repeat Start
Condition
Repeat Start
Condition
Stop
Condition
BYTE
DESCRIPTION
I C address
2
P-port data
0.7
V
×
CC
0.3
V
×
CC
t
scl
t
sch
t
buf
t
icf
t
icf
t
icr
t
sth
t
icr
t
sds
t
sp
t
sdh
t
vd(ack)
t
vdH(Data)
t
sts
t
sps
t
vdL(Data)
PCA9548A
8-CHANNEL I2C SWITCH
WITH RESET
SCPS143C – OCTOBER 2006 – REVISED JUNE 2007
A.
CL includes probe and jig capacitance.
B.
All inputs are supplied by generators having the following characteristics: PRR
≤ 10 MHz, Z
O = 50 Ω, tr/tf ≤ 30 ns.
C.
Not all parameters and waveforms are applicable to all devices.
Figure 9. I2C Load Circuit and Voltage Waveforms
13
Submit Documentation Feedback
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com