Electronic Components Datasheet Search
  English  ▼

X  

PCA9548APW Datasheet(PDF) 2 Page - Texas Instruments

Part # PCA9548APW
Description  8-CHANNEL I2C SWITCH WITH RESET
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9548APW Datasheet(HTML) 2 Page - Texas Instruments

  PCA9548APW Datasheet HTML 1Page - Texas Instruments PCA9548APW Datasheet HTML 2Page - Texas Instruments PCA9548APW Datasheet HTML 3Page - Texas Instruments PCA9548APW Datasheet HTML 4Page - Texas Instruments PCA9548APW Datasheet HTML 5Page - Texas Instruments PCA9548APW Datasheet HTML 6Page - Texas Instruments PCA9548APW Datasheet HTML 7Page - Texas Instruments PCA9548APW Datasheet HTML 8Page - Texas Instruments PCA9548APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
PCA9548A
8-CHANNEL I2C SWITCH
WITH RESET
SCPS143C – OCTOBER 2006 – REVISED JUNE 2007
The PCA9548A has eight bidirectional translating switches that can be controlled via the I2C bus. The SCL/SDA
upstream pair fans out to eight downstream pairs, or channels. Any individual SCx/SDx channel or combination
of channels can be selected, determined by the contents of the programmable control register.
The system master can reset the PCA9548A in the event of a timeout or other improper operation by asserting a
low in the RESET input. Similarly, the power-on reset deselects all channels and initializes the I2C/SMBus state
machine. Asserting RESET causes the same reset/initialization to occur without depowering the part.
The pass gates of the switches are constructed so that the VCC pin can be used to limit the maximum high
voltage, which is passed by the PCA9548A. This allows the use of different bus voltages on each pair, so that
2.5-V or 3.3-V parts can communicate with 5-V parts, without any additional protection. External pullup resistors
pull the bus up to the desired voltage level for each channel. All I/O pins are 5-V tolerant.
2
Submit Documentation Feedback
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com