Electronic Components Datasheet Search
  English  ▼

X  

OPA376AIDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA376AIDBVT
Description  Low-Noise, Low Quiescent Current, Precision Operational Amplifier e-trim Series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA376AIDBVT Datasheet(HTML) 2 Page - Texas Instruments

  OPA376AIDBVT Datasheet HTML 1Page - Texas Instruments OPA376AIDBVT Datasheet HTML 2Page - Texas Instruments OPA376AIDBVT Datasheet HTML 3Page - Texas Instruments OPA376AIDBVT Datasheet HTML 4Page - Texas Instruments OPA376AIDBVT Datasheet HTML 5Page - Texas Instruments OPA376AIDBVT Datasheet HTML 6Page - Texas Instruments OPA376AIDBVT Datasheet HTML 7Page - Texas Instruments OPA376AIDBVT Datasheet HTML 8Page - Texas Instruments OPA376AIDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
OPA376
OPA2376
OPA4376
SBOS406F – JUNE 2007 – REVISED MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATING
(1)
over operating free-air temperature range (unless otherwise noted)
OPA376, OPA2376, OPA4376
UNIT
Supply Voltage
VS = (V+) – (V–)
+7
V
Voltage(2)
(V–) – 0.5 to (V+) + 0.5
V
Signal Input Terminals
Current(2)
±10
mA
Output Short-Circuit(3)
Continuous
Operating Temperature
TA
–40 to +150
°C
Storage Temperature
TA
–65 to +150
°C
Junction Temperature
TJ
+150
°C
Human Body Model
4000
V
ESD Rating
Charged Device Model
1000
V
Machine Model
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
SC70-5
DCK
BUR
OPA376
SOT23-5
DBV
BUQ
SO-8
D
OPA376
SO-8
D
OPA2376
OPA2376
MSOP-8
DGK
OBBI
OPA2376
Lead- (Pb-) Free WCSP-8
YZD
OPA2376
OPA4376
TSSOP-14
PW
OPA4376
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: OPA376 OPA2376 OPA4376



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com