Electronic Components Datasheet Search
  English  ▼

X  

OPA2234UAE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2234UAE4
Description  Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2234UAE4 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2234UAE4 Datasheet HTML 1Page - Texas Instruments OPA2234UAE4 Datasheet HTML 2Page - Texas Instruments OPA2234UAE4 Datasheet HTML 3Page - Texas Instruments OPA2234UAE4 Datasheet HTML 4Page - Texas Instruments OPA2234UAE4 Datasheet HTML 5Page - Texas Instruments OPA2234UAE4 Datasheet HTML 6Page - Texas Instruments OPA2234UAE4 Datasheet HTML 7Page - Texas Instruments OPA2234UAE4 Datasheet HTML 8Page - Texas Instruments OPA2234UAE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1996-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4234
SO-14
AD
BC
Low-Power, Precision
SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
FEATURES
q WIDE SUPPLY RANGE:
Single Supply: VS = +2.7V to +36V
Dual Supply: VS = ±1.35V to ±18V
q SPECIFIED PERFORMANCE:
+2.7V, +5V, and
±15V
q LOW QUIESCENT CURRENT: 250
µA/amp
q LOW INPUT BIAS CURRENT: 25nA max
q LOW OFFSET VOLTAGE: 100
µV max
q HIGH CMRR, PSRR, and A
OL
q SINGLE, DUAL, and QUAD VERSIONS
DESCRIPTION
The OPA234 series low-cost op amps are ideal for
single-supply, low-voltage, low-power applications. The
series provides lower quiescent current than older
“1013”-type products and comes in current industry-
standard packages and pinouts. The combination of
low offset voltage, high common-mode rejection, high
power-supply rejection, and a wide supply range pro-
vides excellent accuracy and versatility. Single, dual,
and quad versions have identical specifications for
maximum design flexibility. These general-purpose op
amps are ideal for portable and battery-powered appli-
cations.
The OPA234 series op amps operate from either single
or dual supplies. In single-supply operation, the input
common-mode range extends below ground and the
output can swing to within 50mV of ground. Excellent
phase margin makes the OPA234 series ideal for de-
manding applications, including high load capacitance.
Dual and quad designs feature completely indepen-
dent circuitry for lowest crosstalk and freedom from
interaction.
Single version packages are in an SO-8 surface-mount
and a space-saving MSOP-8 surface-mount. Dual pack-
ages are in an SO-8 surface-mount. Quad packages
are in an SO-14 surface-mount. All are specified for
–40
°C to +85°C operation.
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2234
SO-8
A
B
1
2
3
4
8
7
6
5
NC
V+
Output
Offset Trim
Offset Trim
–In
+In
V–
OPA234
SO-8, MSOP-8
OPA2
34
OPA2
234
OPA2
34
OPA
423
4
OPA234
OPA2234
OPA4234
SBOS055B – MAY 1996 – REVISED APRIL 2008


Similar Part No. - OPA2234UAE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2234UAE4 BURR-BROWN-OPA2234UAE4 Datasheet
2Mb / 18P
Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234UAE4 TI1-OPA2234UAE4 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2234UAE4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
Low Power, Single Supply Operational Amplifiers
1996 REV 0
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
2Mb / 18P
Low Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2234M TI1-OPA2234M Datasheet
964Kb / 19P
LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
logo
Texas Instruments
OPA2234M TI-OPA2234M_15 Datasheet
928Kb / 20P
LOW-POWER, PRECISION SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV.D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com