Electronic Components Datasheet Search
  English  ▼

X  

PCM1802DBR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1802DBR
Description  SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1802DBR Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1802DBR Datasheet HTML 17Page - Texas Instruments PCM1802DBR Datasheet HTML 18Page - Texas Instruments PCM1802DBR Datasheet HTML 19Page - Texas Instruments PCM1802DBR Datasheet HTML 20Page - Texas Instruments PCM1802DBR Datasheet HTML 21Page - Texas Instruments PCM1802DBR Datasheet HTML 22Page - Texas Instruments PCM1802DBR Datasheet HTML 23Page - Texas Instruments PCM1802DBR Datasheet HTML 24Page - Texas Instruments PCM1802DBR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.ti.com
APPLICATION INFORMATION
Typical Circuit Connection Diagram
VINL
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
PCM1802
VINR
VREF1
VREF2
VCC
AGND
PDWN
BYPAS
FSYNC
LRCK
MODE1
DGND
MODE0
FMT1
FMT0
OSR
DOUT
BCK
VDD
SCKI
+
Oversampling
System Clock
L-Ch IN
R-Ch IN
0 V
5 V
C4(2)
C5(3)
Power Down
LCF Bypass
Control
+
C3(2)
L/R Clock
Frame Sync.
Audio Data
Processor
Mode [1:0]
Format [1:0]
3.3 V
0 V
Data Clock
Data Out
C1(1)
C2(1)
Control
C6(4)
R1(5)
S0026-02
+
+
+
+
PCM1802
SLES023C – DECEMBER 2001 – REVISED JANUARY 2005
Figure 29 illustrates a typical circuit connection diagram in which the cutoff frequency of the input HPF is about
8 Hz.
(1)
C1, C2: A 1-µF capacitor gives 8-Hz (τ = 1 µF × 20 kΩ) cutoff frequency for input HPF in normal operation and
requires a power-on settling time with a 20-ms time constant during the power-on initialization period.
(2)
C3, C4: Bypass capacitors, 0.1-µF ceramic and 10-µF tantalum, depending on layout and power supply
(3)
C5: 0.1-µF ceramic and 10-µF tantalum capacitors are recommended.
(4)
C6: 0.1-µF ceramic and 10-µF tantalum capacitors are recommended when using a noisy analog power supply. These
capacitor are not required for a clean analog supply.
(5)
R1: A 1-kΩ resistor is recommended when using a noisy analog power supply. This resistor is shorted for a clean
analog supply.
Figure 29. Typical Circuit Connection
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com