Electronic Components Datasheet Search
  English  ▼

X  

13616 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 13616
Description  STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, ZIPPER, .0030 (.0762mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

13616 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  13616 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCO WEST: 3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: Desco.com
PHONE (909) 627-8178 FAX (909) 627-7449
DESCO EAST: ONE COLGATE WAY, CANTON, MA 02021-1407
PHONE (781) 821-8370
FAX (781) 575-0172
DRAWING
NUMBER
13605
DATE:
October
2011
© 2011 DESCO INDUSTRIES INC.
Employee Owned
STATSHIELD® BAG, SHIELDING, METAL-IN CONSTRUCTION, ZIPPER, .0030" (.0762mm)
STATSHIELD® METAL-IN SERIES
Specifications:
Electrical Properties
Typical Values
Test Procedures/Method
Surface Resistance:
Outer Surface
<10E11 ohms
ANSI/ESD STM11.11
Aluminum Layer
<10E2 ohms
ANSI/ESD STM11.11
Inner Surface
<10E11 ohms
ANSI/ESD STM11.11
Static Shielding
<25 nJ
ANSI/ESD STM11.31, EIA 541
Charge Generation
Teflon: 0.09 nC/sq. in.
Modified Incline Plane
Quartz: 0.01 nC/sq. in.
Modified Incline Plane
Capacitance Probe (to dissipate 1 KV) <30 volts
ANSI/EIA-541/Appendix E, 1kV Discharge
Physical Properties
Bag Thickness:
Thickness
Nominal .0030" (.0762mm) ±10%
MIL-STD-3010, 1003
Width (Inside Dimensions)
Nominal -0" / + .125"
Length (Inside Dimensions)
Nominal ± .125"
Light Transmission
>40% (Tobias)
ASTM D-1003
Heat Seal
>10 lbs/in
375°F, 1/2 sec 60 psi
Tensile
9000 PSI
ASTM D882
Puncture Resistance
>10 lbs
MIL-STD-3010, 2065
MVTR
<0.40
FTMS 101C/2065
Outgassing
Pass
ASTM E595
Non-corrosive
Pass
MIL-STD-3010, M3005
Chemical Properties
Corrosion:
No effect on aluminum, copper, silver, Sn-Pb coated foil,
stainless steel, low carbon steel
Polycarbonate compatible:
Contains no Amines, Amides, or N-Octanoic Acid.
Bag is free of amines, N-octanoic acid, silicones and heavy metals.
*Film made in USA or Malaysia
Specifications and procedures subject to change without notice.
Side Weld Seals 3/8 in. (±0.10)
Yellow
Low Charging
Zipper
Date & Lot Code
Printed for QC
Traceablility
Mixed Unsortable Plastic Scrap
Mixed unsortable plastic scrap shall contain assorted plastics
of multiple grades that are co-extruded, bonded or laminated
together which are unsortable into individual grades
Desco’s bags are recyclable
7
Low Charging Static
Dissipative Proprietary
Outer Polyester Layer
Aluminum Shielding Layer
Low Charging Static
Dissipative Proprietary
Inner Polyethylene Layer
Statshield® bags are packaged 100 per package in an oversized shielding bag.
Shelf life of bags is minimum one year in normal indoor storage conditions.
The bag’s material meets the required limits of ANSI/ESD S541 per ANSI/ESD S20.20.
Statshield® and Statfree® are Registered Trademarks of Desco Industries Inc.
RoHS and REACH Compliance Statement
None of the RoHS restricted materials or REACH substances of very high concern are intentionally
added in manufacturing this product. Ref: Directive 2002/95/EC Article 4.1. and Regulation (EC) No.
1907/2006. See Desco Industries Inc. Limited Warranty at Desco.com.
ANSI/ESD S541 Section 6.2 Outside an EPA
“Transportation of sensitive products outside of an EPA shall require packaging that provides:
1. Low charge generation
2. Dissipative or conductive materials for intimate contact
3. A structure that provides electrostatic discharge shielding.”
*Made in the
United States of America


Similar Part No. - 13616

ManufacturerPart #DatasheetDescription
logo
raaco Great Britain Ltd
136167 RAACO-136167 Datasheet
8Mb / 148P
raaco Assortment Boxes
More results

Similar Description - 13616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
13080 ETC2-13080 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030 (.0762mm)
13506 ETC2-13506 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030 (.0762mm)
13090 ETC2-13090 Datasheet
149Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, .0030" (.0762mm)
13305 ETC2-13305 Datasheet
144Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
13445 ETC2-13445 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13475 ETC2-13475 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13510 ETC2-13510 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13530 ETC2-13530 Datasheet
146Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-IN CONSTRUCTION, .0030" (.0762mm)
13285 ETC2-13285 Datasheet
170Kb / 1P
STATSHIELD BAG, SHIELDING, METAL-OUT CONSTRUCTION, ZIPPER, .0030" (.0762mm)
12789 ETC2-12789 Datasheet
171Kb / 1P
STATSHIELD METAL-IN SERIES LEAD-FREE AREA ESD SHIELDING BAG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com