Electronic Components Datasheet Search
  English  ▼

X  

13868 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 13868
Description  Statshield Moisture Barrier Bags Application Instructions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

13868 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  13868 Datasheet HTML 1Page - List of Unclassifed Manufacturers 13868 Datasheet HTML 2Page - List of Unclassifed Manufacturers 13868 Datasheet HTML 3Page - List of Unclassifed Manufacturers 13868 Datasheet HTML 4Page - List of Unclassifed Manufacturers 13868 Datasheet HTML 5Page - List of Unclassifed Manufacturers 13868 Datasheet HTML 6Page - List of Unclassifed Manufacturers 13868 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TB-2031 Page 3 of 7
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com
Item#
Card Size
Std. Package
Relative Humidity
13858
2" x 3"
125 pcs/can
5/10/15
13859
2" x 3"
125 pcs/can
5/10/60
13860
2" x 3"
100 pcs/can
10/20/30/40
13861 1.56" x 4.75" 200 pcs/can 10/20/30/40/50/60
Specifications
Moisture Barrier Bag .0035" (.0889mm)
Electrical Properties
Resistance of polyester layer
< 1 x 1011 ohms per ANSI/ESD STM11.11
Resistance of polyethylene layer
< 1 x 1011 ohms per ANSI/ESD STM11.11
EMI Shielding (dB between 1 and 10 GHz)
45dB
Energy Penetration <20nJ per ANSI/ESD S11.31
Physical Properties
Thickness (nominal)
0.0035" (.0889mm) per MIL-STD-3010 1003
MVTR (grams / 100 in2 / 24 hrs, 100°F) ≤0.02 per
ASTM F 1249
Puncture Strength (lb)
≥20 per FTMS 101-C, MIL-STD-2065
For more detailed information, see Drawing
13806.
© 2013 DESCO INDUSTRIES INC.
Employee Owned
Foil Moisture Barrier Bag .0040" (.1016mm)
Electrical Properties
Resistance of polyester outer layer
< 1 x 1011 ohms per ANSI/ESD STM11.11
Resistance of polyethylene inner layer
< 1 x 1011 ohms per ANSI/ESD STM11.11
EMI Shielding (dB between 1 and 10 GHz)
45dB
Energy Penetration <20nJ per ANSI/ESD S11.31
Physical Properties
Thickness (nominal)
0.0040" (.1016mm) per MIL-STD-3010 2065
MVTR (grams / 100 in2 / 24 hrs, 100°F)
≤0.0003 per ASTM F 1249
Puncture Strength (lb)
≥25 per FTMS 101-C, MIL-STD-3010 2065
For more detailed information, see Drawing 13950.
High Moisture Barrier Bag .0065" (.1651mm)
Electrical Properties
Resistance of polyester outer layer
< 1 x 1011 ohms per ANSI/ESD STM11.11
Resistance of polyethylene inner layer
< 1 x 1011 ohms per ANSI/ESD STM11.11
EMI Shielding
45dB
Energy Penetration <20nJ per ANSI/ESD S11.31
Physical Properties
Thickness (nominal)
0.0065" (.1651mm) per MIL-STD-3010 1003
MVTR (grams / 100 in2 / 24 hrs, 100°F)
0.005 per ASTM F 1249
Puncture Strength (lb)
30 per FTMS 101-C, MIL-STD-3010 2065
For more detailed information, see Drawing 13760.
See Bag Selection Chart Click HERE.
See Shielding Bag Storage at TB-7057.
Figure 6. Cobalt-Dichloride Free Humidity Indicator
Cards
13858
13859
13861
13860



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com