Electronic Components Datasheet Search
  English  ▼

X  

LM828 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM828
Description  LM828 Switched Capacitor Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM828 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM828 Datasheet HTML 3Page - Texas Instruments LM828 Datasheet HTML 4Page - Texas Instruments LM828 Datasheet HTML 5Page - Texas Instruments LM828 Datasheet HTML 6Page - Texas Instruments LM828 Datasheet HTML 7Page - Texas Instruments LM828 Datasheet HTML 8Page - Texas Instruments LM828 Datasheet HTML 9Page - Texas Instruments LM828 Datasheet HTML 10Page - Texas Instruments LM828 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LM828
www.ti.com
SNOS035D – MARCH 2010 – REVISED MAY 2013
CASCADING DEVICES
Cascading the LM828s is an easy way to produce a greater negative voltage (e.g. A two-stage cascade circuit is
shown in Figure 14).
If n is the integer representing the number of devices cascaded, the unloaded output voltage Vout is (-nVin). The
effective output resistance is equal to the weighted sum of each individual device:
Rout = nRout_1 + n/2 Rout_2 + ... + Rout_n
(5)
This can be seen by first assuming that each device is 100 percent efficient. Since the output voltage is different
on each device the output current is as well. Each cascaded device sees less current at the output than the
previous so the ROUT voltage drop is lower in each device added. Note that, the number of n is practically limited
since the increasing of n significantly reduces the efficiency, and increases the output resistance and output
voltage ripple.
Figure 14. Increasing Output Voltage by Cascading Devices
COMBINED DOUBLER AND INVERTER
In Figure 15, the LM828 is used to provide a positive voltage doubler and a negative voltage converter. Note that
the total current drawn from the two outputs should not exceed 40 mA.
Figure 15. Combined Voltage Doubler and Inverter
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM828



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com