Electronic Components Datasheet Search
  English  ▼

X  

13850 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 13850
Description  Statshield Moisture Barrier Bags Application Instructions
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

13850 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  13850 Datasheet HTML 1Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 2Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 3Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 4Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 5Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 6Page - List of Unclassifed Manufacturers 13850 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TB-2031 September 2013 Page 1 of 7
TECHNICAL BULLETIN TB-2031
Statshield
® Moisture Barrier Bags
Application Instructions
DESCO WEST
- 3651 Walnut Avenue, Chino, CA 91710 • (909) 627-8178
DESCO EAST
- One Colgate Way, Canton, MA 02021-1407 • (781) 821-8370 • Web Site: Desco.com
Figure 1. Desco Statshield® Moisture Barrier Bag
Description
Desco Statshield® Moisture Barrier Bags combine the
properties of a MOISTURE BARRIER protection with
EMI-RFI-ESD shielding. Statshield® Moisture Barrier
Bags meet the electrical and physical requirements
of ANSI/ESD S20.20, Packaging standard ANSI/ESD
S541, and Static Control Bag ANSI/ESD S11.4. All
Statshield® Moisture Barrier Bags are amide, amine,
and silicone free and pass outgassing and corrosion
tests. All bags are printed with ESD protective symbol
and the Moisture-Sensitive Identification Label and are
dated and lot coded for quality control traceability.
All three styles are available in a variety of standard
sizes, custom sizes and with custom printing.
Desco offers three styles of Moisture Barrier Bags:
Moisture Barrier Bags
- Static Control Bag ANSI/ESD S11.4 Level 2
- Thickness .0035" (.0889mm)
- Moisture Barrier Transfer Rate (MVTR) ≤ 0.020
- Puncture Resistance >20 lbs
High Moisture Barrier Bags
- Static Control Bag ANSI/ESD S11.4 Level 2
- Thickness .0065" (.1651mm)
- Moisture Barrier Transfer Rate (MVTR) ≤ 0.014
- Puncture Resistance >30 lbs
Foil (EMI/RFI) Moisture Barrier Bag
- Static Control Bag ANSI/ESD S11.4 Level 1
- Thickness .0040" (.1061mm)
- Moisture Barrier Transfer Rate (MVTR) ≤ 0.0003
- Puncture Resistance >27 lbs
Notes:
Thickness - Typical value. Nominal ±10% per
MIL-STD-3010 1003
Moisture Barrier Transfer Rate (MVTR) - Measured
per ASTM F1249 (g/100 sq.in./24 hrs, at 100F)
Puncture Resistance – measured per
MIL-STD-3010 2065
Construction
Desco’s Statshield® Moisture Barrier Bags
manufactured from a static dissipative metalized
laminated film. The metal layer of the Desco’s
Statshield® Moisture Barrier Bags and Statshield® High
Moisture Barrier Bags is created by vacuum deposited
manufacturing technique. This manufacturing
technique allows for a more flexible finished bag that is
less likely to tear or rip during use. Finished bags with
foil layer, such as Desco’s Statshield® Foil Moisture
Barrier Bags provides a better moisture barrier and
is a good choice when having to meet IPC/JEDEC
J-STD-033 Standard.
Made in the
United States of America
© 2013 DESCO INDUSTRIES INC.
Employee Owned
Static Dissipative
Polyester
Vacuum Deposited
Aluminum
Shielding
Layer
Polyester Layer
Vacuum Deposited
Aluminum Shielding Layer
High Performance Static
Dissipative Polyethylene
Figure 2. Statshield® MBB bag and High Moisture MBB
Bag Layer construction.
Abrasion Resistant Coating
Static Dissipative
Polyester Layer
Solid Aluminum
Foil Layer
High Performance
Static Dissipative
Polyethylene Interior Layer
Figure 3. Statshield® Foil (EMI/RFI) MBB Bag Layer
construction


Similar Part No. - 13850

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1385001-2 MACOM-1385001-2 Datasheet
35Kb / 1P
Wire to Board Connectors Dynamic Series Connectors/D-3000 Series D-3 Contact and Application Tooling
1385047-3 MACOM-1385047-3 Datasheet
662Kb / 6P
AMP CT Connector Series
logo
TE Connectivity Ltd
1385047-3 TEC-1385047-3 Datasheet
656Kb / 6P
AMP CT Connector Series
More results

Similar Description - 13850

ManufacturerPart #DatasheetDescription
logo
3M Electronics
70068 3M-70068 Datasheet
70Kb / 3P
MOISTURE BARRIER BAG, ALUMINIZED
logo
List of Unclassifed Man...
10409 ETC2-10409 Datasheet
510Kb / 7P
Statguard Conductive Acrylic Paint Application Instructions
10600 ETC2-10600 Datasheet
229Kb / 6P
Application Instructions Reztore Static-Wipes
13460 ETC2-13460 Datasheet
146Kb / 1P
STATSHIELD METAL-IN SERIES
10415 ETC2-10415 Datasheet
379Kb / 6P
Reztore Topical Antistat Application Instructions
10434 ETC2-10434 Datasheet
264Kb / 5P
Reztore Surface and Mat Cleaner Application Instructions
10438 ETC2-10438 Datasheet
264Kb / 5P
Reztore Surface and Mat Cleaner Application Instructions
73654 ETC2-73654 Datasheet
224Kb / 2P
STATSHIELD SMOCKS AND GLOVES
logo
3M Electronics
70035 3M-70035 Datasheet
261Kb / 2P
3M Moisture Barrier Bag Dri-Shield 2000
logo
UN Semiconducctor INC
UNSDC58V-2L UNSEMI-UNSDC58V-2L Datasheet
2Mb / 5P
Instructions
Revision March 1,2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com