Electronic Components Datasheet Search
  English  ▼

X  

17271 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 17271
Description  Full Coverage Non-Marring Foot Grounder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

17271 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  17271 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Components:
A. 0.060" thick (± 0.005) non-marring, solid, three layer, rubber material. Three layers
consist of a yellow dissipative outer layer with a black conductive inner layer, and a yellow
dissipative outer layer. Will not mar floors or shoes with black marks.
B. 3/8” wide, 18” long blue nylon ribbon contains 8 electrically conductive carbon suffused
fibers, reversible, may be positioned on either side of foot.
listed. Lot coded for quality traceability.
Specifications
Tab to floor contact point: >7.5 X 10E5 and <1.0 X 10E7 ohms resistance when
measured per ESD SP9.2
Outer Layer
Test Method
Abrasion:
5000 cycles
ASTM-D-3389 Method B
Hardness:
65 Shore A
ASTM-D-2240
Tensile PSI (min):
3000lbs.
ASTM-D-412
DESCO WEST: 3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: Desco.com
PHONE (909) 627-8178 FAX (909) 627-7449 FAX REQUEST (909) 627-7126
DESCO EAST: ONE COLGATE WAY, CANTON, MA 02021-1407
PHONE (781) 821-8370 FAX (781) 575-0172
DRAWING
NUMBER
17270
DATE:
June 2010
© 2010 DESCO INDUSTRIES INC.
Employee Owned
Full Coverage Non-Marring Foot Grounder
Description:
The 17270, 17271, 17272, and 17273 Foot Grounders provide contact with the ESD
floor both under the foot’s sole as well as the heel area, providing a more continuous
and reliable path-to-ground. These foot grounders are easier to install than most foot
grounders and are designed for use on standard shoes. The snug, reliable fit can be
easily adjusted to fit the individual wearer. These foot grounders are made from non-marring
three layer high visibility yellow reversible static dissipative rubber with a black conductive inner
layer. The 17270, 17271, 17272, and 17273 are all UL listed. It is a suitable ESD footwear
component in Flooring - Footwear System meeting ANSI/ESD S20.20 when used as the primary
grounding method. It meets <3.5 x 10E7 ohms per ANSI/ESD STM 97.1 Floor Materials and
Footwear-Resistance Measurement in Combination with a Person, and significantly under <100
volts tested per ANSI/ESD STM 97.2 - Floor Materials and Footwear Voltage Measurement in
Combination with a Person
Listing #90P1
RoHS Compliance Statement
None of the following materials are intentionally added in manufacturing this product: lead, mercury,
cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated diphenyl ethers
(PBDE) as outlined in the Directive 2002/95/EC Article 4.1. See Desco Industries Inc. letter and limited
warranty on-line at Desco.com.
B
A
Item No.
Description
Recommended
Shoe Size (Men)
Recommended
Shoe Size (Women)
17270
Small
6-7
6-8
17271
Medium
7-9
8-10
17272
Large
9-12
10-12
17273
XLarge
13+
13+
Specifications and procedures subject to change without notice.
Our UL listed foot grounders are rated at 250 VAC. It is not recommended to use them where exposure to
line voltages above 250 VAC is possible. Caution: The foot grounder is for ESD control. It will not reduce or
increase your risk of receiving electric shock when using or working on electrical equipment.
U.S. Patent Number 5,786,977
Made in America
Unless noted, tolerances ± 1/4"


Similar Part No. - 17271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1727104 PHOENIX-1727104 Datasheet
151Kb / 8P
PCB terminal block - MKDS 1/11-3,81
1727117 PHOENIX-1727117 Datasheet
138Kb / 5P
MKDS 1/12-3,81
1727175 PHOENIX-1727175 Datasheet
116Kb / 6P
PCB terminal block - MKDS 1/ 8-3,81 SMD BK
logo
Molex Electronics Ltd.
1727181111 MOLEX1-1727181111 Datasheet
41Kb / 2P
Mini-Fit TPA2 Female Crimp Terminal, Phosphor Bronze, Pre-Plated Tin (Sn)
1727181111 MOLEX-1727181111 Datasheet
81Kb / 5P
Hand Crimp Tool for Mini-Fit TPA2 Male and Female Crimp Terminals, 16 AWG, Large and Small Insulation Grips
Jun 18, 2025
More results

Similar Description - 17271

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
logo
3M Electronics
2044 3M-2044 Datasheet
139Kb / 2P
Economy Heel Grounder 2044
logo
List of Unclassifed Man...
07502 ETC2-07502 Datasheet
76Kb / 1P
SOLE GROUNDER
17252 ETC2-17252 Datasheet
55Kb / 1P
FOOT GROUND, HEEL, 3-LAYER, NON-MARRING
logo
API Technologies Corp
FDFD7678-1 APITECH-FDFD7678-1 Datasheet
353Kb / 1P
Broadband Frequency Coverage
logo
Keysight Technologies
N1194A KEYSIGHT-N1194A Datasheet
478Kb / 5P
Test Coverage Consultant
logo
Laird Tech Smart Techno...
SJS515090-16 LSTD-SJS515090-16 Datasheet
641Kb / 2P
Uniform cell coverage
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com