Electronic Components Datasheet Search
  English  ▼

X  

LMH0002 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0002
Description  LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0002 Datasheet(HTML) 2 Page - Texas Instruments

  LMH0002 Datasheet HTML 1Page - Texas Instruments LMH0002 Datasheet HTML 2Page - Texas Instruments LMH0002 Datasheet HTML 3Page - Texas Instruments LMH0002 Datasheet HTML 4Page - Texas Instruments LMH0002 Datasheet HTML 5Page - Texas Instruments LMH0002 Datasheet HTML 6Page - Texas Instruments LMH0002 Datasheet HTML 7Page - Texas Instruments LMH0002 Datasheet HTML 8Page - Texas Instruments LMH0002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LMH0002
SNLS215E – JANUARY 2006 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage:
−0.5V to 3.6V
Input Voltage (all inputs)
−0.3V to VCC+0.3V
Output Current
28 mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
Lead Temperature (Soldering 4 Sec)
+260°C
Package Thermal Resistance
θJA 8-pin SOIC
+160°C/W
θJA 16-pin WQFN
+78.9°C/W
θJC 8-pin SOIC
+105°C/W
θJC 16-pin WQFN
+42.7°C/W
ESD Rating (HBM)
5kV
ESD Rating (MM)
250V
(1)
"Absolute Maximum Ratings" are those parameter values beyond which the life and operation of the device cannot be ensured. The
stating herein of these maximums shall not be construed to imply that the device can or should be operated at or beyond these values.
The table of Electrical Characteristics specifies acceptable device operating conditions.
Recommended Operating Conditions
Supply Voltage (VCC – VEE):
3.3V ±5%
Operating Free Air Temperature (TA)
LMH0002MA
0°C to +70°C
LMH0002TMA and LMH0002SQ
−40°C to +85°C
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com