Electronic Components Datasheet Search
  English  ▼

X  

35653 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 35653
Description  LOW CHARGING CABLE TIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

35653 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  35653 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE:
September
2012
DRAWING
NUMBER:
35653
3651 WALNUT AVE., CHINO, CA 91710
PHONE: (951) 627-2453 • FAX: (951) 755-8848
WEBSITE: MendaTools.com
Features:
• D-Ring fastening is ideal for bundling trays and IC tubes
• Adjustable, releasable and reusable - easy to install
• Low charging hook and loop material meets ANSI/ESD S20.20
• Custom sizes available
• Operating Temperature: 300°F (149°C) max
• Melting Temperature: 459°F (237°C)
• Straps should be tested regularly to make sure they
retain their ESD properties
• Made in America
35653 Low Charging Cable Tie, Non-Stretch D-Ring, 3/4 in (19 mm) x 18 in (457 mm)
35654 Low Charging Tie, Non-Stretch D-Ring, 3/4 in (19 mm) x 20 in (19 mm)
35655 Low Charging Cable Tie, Non-Stretch D-Ring, 3/4 in (19 mm) x 24 in (609 mm)
35656 Low Charging Cable Tie, Non-Stretch D-Ring, 3/4 in (19 mm) x 30 in (762 mm)
LOW CHARGING CABLE TIES
© 2012 Desco Industries Inc.
Employee Owned
Made in America
Specifications and procedures subject to change without notice.


Similar Part No. - 35653

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
35653 MACOM-35653 Datasheet
73Kb / 1P
SPLICE, WIRE, CLOSED END
logo
MENDA
35653 MENDA-35653 Datasheet
429Kb / 1P
LOW CHARGING CABLE TIES
April2017
More results

Similar Description - 35653

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
481-0102UV ETC2-481-0102UV Datasheet
115Kb / 2P
Nylon Cable Ties
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
481-0500 ETC2-481-0500 Datasheet
118Kb / 2P
Identification Cable Ties
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
logo
3M Electronics
CT4BK18-C 3M-CT4BK18-C Datasheet
113Kb / 5P
3M™ Cable Ties
Rev N
logo
HellermannTyton.
151-16500 HELLERMANNTYTON-151-16500 Datasheet
173Kb / 3P
Cable Ties and Fixings
10/2017
LPH175 HELLERMANNTYTON-LPH175 Datasheet
165Kb / 3P
Cable Ties and Fixings Cable Ties Outside Serrated
logo
PANDUIT CORP.
ESV10-ESV14-Q PANDUIT-ESV10-ESV14-Q Datasheet
2Mb / 12P
Terminals & Cable Ties
1/2018
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
logo
HellermannTyton.
111-02110 HELLERMANNTYTON-111-02110 Datasheet
205Kb / 4P
Cable Ties and Fixings Cable Ties Inside Serrated
10/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com