Electronic Components Datasheet Search
  English  ▼

X  

39160 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 39160
Description  Plastek Tek-Trays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

39160 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  39160 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
www.protektivepak.com
DRAWING NUMBER
39160
DATE:
8/07
Plastek™ Tek-Trays
© 2007 DESCO INDUSTRIES INC.
Employee Owned
SPECIFICATIONS
Properties
Typical Values
Resin Type
Polypropylene
Conductive
Permanently
Average Surface Resistivity
10E2 - 10E4 ohms
Humidity Independent
Yes
Provides ESD Shielding
Yes
Temperature Tolerance
-17° F to +230° F
Melting Point
324° F
Features
• Convenient storage tray made of conductive material, providing
reliable path-to-ground
• Includes steel wire frame which allows trays to stack, improving
productivity and saving valuable space
• Static dissipative foam bottom provides ESD and shock
protection
• Product ships assembled
• Static Dissipative Foam bottom* laminated to Plastek™
• Conductive 10E2 - 10E4 ohm material provides reliable path-to-
ground
• Superior strength and durability; made from extruded, high
impact polypropylene materials
• Chemical and moisture resistant
• Ideal for use where corrugated and/or paper products cannot be
used
• Economical alternative to injection molded products
• Reusable, ensuring best value**
• Made in America
Item No.
Size I.D. - L x W x D
39160
18 x 11-3/8 x 1-3/4
39161
22-3/4 x 17-1/2 x 2-1/2
Made in America


Similar Part No. - 39160

ManufacturerPart #DatasheetDescription
logo
Heyco.
3916 HEYCO-3916 Datasheet
107Kb / 1P
Locking Releasable Wire Clips
logo
American Beauty Tools
3916 AMERICANBEAUTY-3916 Datasheet
1Mb / 2P
40 WATT, 1/4" PENCIL-STYLE SOLDERING IRON
logo
Alpha Wire
391626 ALPHAWIRE-391626 Datasheet
97Kb / 4P
Customer Specification
2/21/2023
391640 ALPHAWIRE-391640 Datasheet
404Kb / 3P
16 (26/30) AWG Tinned Copper
391645 ALPHAWIRE-391645 Datasheet
404Kb / 3P
16 (26/30) AWG Tinned Copper
More results

Similar Description - 39160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39111 ETC2-39111 Datasheet
46Kb / 1P
Plastek Storage Containers
38938 ETC2-38938 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
38980 ETC2-38980 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
38999 ETC2-38999 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39000 ETC2-39000 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39008 ETC2-39008 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39038 ETC2-39038 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39101 ETC2-39101 Datasheet
46Kb / 1P
Plastek Storage Containers
39696 ETC2-39696 Datasheet
67Kb / 3P
Plastek n-Plant Handlers
38907 ETC2-38907 Datasheet
196Kb / 1P
Plastek Open Bin Boxes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com