Electronic Components Datasheet Search
  English  ▼

X  

39100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 39100
Description  Plastek Storage Containers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

39100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  39100 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
www.protektivepak.com
DRAWING NUMBER
39106
DATE:
8/07
Plastek™ Storage Containers
© 2007 DESCO INDUSTRIES INC.
Employee Owned
SPECIFICATIONS
Properties
Typical Values
Resin Type
Polypropylene
Conductive
Permanently
Average Surface Resistivity
10E2 - 10E4 ohms
Humidity Independent
Yes
Provides ESD Shielding
Yes
Temperature Tolerance
-17° F to +230° F
Melting Point
324° F
Features
• Provides physical protection with conductive material providing
reliable path-to-ground.
• Includes steel wire frame for extra strength.
• Conductive plastic handle for ease of handling while providing
reliable path-to-ground.
• Product ships assembled.
• Available options include: (1) Lid manufacture from Plastek™;
(2) Static Dissipative Foam bottom to provide ESD and shock
protection.
• Made in America.
Part No.
REF #
Box Size - L x W x D
Lid
39106
CPS436-BX
17 x 13 x 6-3/4
39130
39107
CPS438-BX
17 x 13 x 8-3/4
39130
39108
CPS439-BX
17 x 13 x 10-3/4
39130
39100
CPS403-BX
17 x 13 x 12-5/8
39130
39105•
CPS434-BX
17 x 13 x 14-3/4
39130
39115•
CPS456-BX
18-3/8 x 12-3/8 x 6-3/4
39132
39117•
CPS458-BX
18-3/8 x 12-3/8 x 8-3/4
39132
39118•
CPS459-BX
18-3/8 x 12-3/8 x 10-3/4
39132
39113
CPS452-BX
18-3/8 x 12-3/8 x 12-3/4
39132
39114•
CPS455-BX
18-3/8 x 12-3/8 x 14-3/4
39132
39116
CPS457-BX
18-3/8 x 12-3/8 x 17-1/8
39132
39102
CPS405-BX
18-3/8 x 12-3/8 x 18-3/4
39132
Part No.
REF #
Box Size - L x W x D
Lid
39103
CPS406-BX
18-5/8 x 15 x 5-7/8
39133
39122
CPS468-BX
18-5/8 x 15 x 8
39133
39119
CPS460-BX
18-5/8 x 15 x 10
39133
39120
CPS462-BX
18-5/8 x 15 x 12
39133
39121
CPS464-BX
18-5/8 x 15 x 14
39133
39111
CPS446-BX
22-7/8 x 12-7/8 x 6
39131
39112
CPS448-BX
22-7/8 x 12-7/8 x 8
39131
39109
CPS440-BX
22-7/8 x 12-7/8 x 10
39131
39101
CPS404-BX
22-7/8 x 12-7/8 x 12-5/8
39131
39110
CPS445-BX
22-7/8 x 12-7/8 x 15-1/4
39131
39104
CPS408-BX
22-7/8 x 12-7/8 x 18-1/4
39131
• These items made to order
Made in America


Similar Part No. - 39100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39100 ETC2-39100 Datasheet
46Kb / 1P
Plastek Storage Containers
logo
Molex Electronics Ltd.
39100 MOLEX-39100 Datasheet
50Kb / 1P
Eurostyle Two-Screw Barrier Strips
09/10/2018
39100 MOLEX-39100 Datasheet
648Kb / 1P
Terminal Strips and Accessories
39100-0802 MOLEX-39100-0802 Datasheet
92Kb / 2P
8.00mm (.315?? Pitch 10.00mm (.394?? Pitch 12.00mm (.472?? Pitch 15.00mm (.591?? Pitch Eurostyle짰 Two-Screw Terminal Strip
39100-0802 MOLEX-39100-0802 Datasheet
648Kb / 1P
Terminal Strips and Accessories
More results

Similar Description - 39100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39160 ETC2-39160 Datasheet
51Kb / 1P
Plastek Tek-Trays
37525 ETC2-37525 Datasheet
127Kb / 2P
STORAGE CONTAINERS
38938 ETC2-38938 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
38980 ETC2-38980 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
38999 ETC2-38999 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39000 ETC2-39000 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39008 ETC2-39008 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39038 ETC2-39038 Datasheet
62Kb / 3P
Plastek In-Plant Handlers
39101 ETC2-39101 Datasheet
46Kb / 1P
Plastek Storage Containers
38907 ETC2-38907 Datasheet
196Kb / 1P
Plastek Open Bin Boxes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com