Electronic Components Datasheet Search
  English  ▼

X  

47021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 47021
Description  WESCORP ESD HIGH TEMP MASKING TAPE, PAPER CORE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

47021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  47021 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
www.ProtektivePak.com
DRAWING NUMBER:
47020
DATE:
December
2011
© 2011 DESCO INDUSTRIES INC.
Employee Owned
ESD High Temp Masking Tape
Used in applications masking PCB gold features for wave soldering
•
Waterproof
•
Does tribocharge, but has minimal charge retention
•
7 mil (0.18 mm) total thickness
•
Adhesive surface 1.2 x 10E11 ohms
•
Film resistance < 1 x 10E11 ohms tested per ANSI/ESD S11.11 at
50% RH
•
Max Temp 135°C (275°F) 45 minutes max
•
Non-toxic, and pH neutral
•
Non-corrosive
•
Tensile: 22 lbs./in.
•
Adhesion to Steel: 35 oz./inch2
•
Elongation: 8%
•
Temperature Range: -32°F to +275°F
•
Adhesive Mass: Natural Rubber
•
Adhesive: Non-Staining,
•
Excellent Conformability
•
Made in Canada
Note: Waterproof release coating does generate static charges during unrolling. We
recommend slow unwinding, utilizing an Ionizer to neutralize charge.
WESCORP ESD HIGH TEMP MASKING TAPE, PAPER CORE
*Wescorp is a Desco Industries brand.
Width tolerance ±1/32" (±0.8mm)
Tape
0.5" (13mm) .75" (19mm) 1" (25mm)
Core
Length
ESD High Temp Masking
47020
47021
47022
3"(76mm)
60 yds
Width - See Table
Tape widths are nominal
metric ±0.8 mm (±1/32").
1/2" is 12 mm nominal or 0.472"
3/4" is 18 mm nominal or 0.709"
1"
is 24 mm nominal or 0.945"
RoHS Compliance Statement
None of the following materials are
intentionally added in manufacturing
this product: lead, mercury, cadmium,
hexavalent chromium, polybrominated
biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE) as outlined in
the Directive 2002/95/EC Article 4.1.
See Protektive Pak Inc. letter on-line at
ProtektivePak.com.
Tape is wound on
a paper core.
The user must determine
the suitability for use of the
product for its intended use
Specifications and procedures subject to change without notice.
Wescorp* Tape Storage and Limited Warranty:
The user must determine the suitability for use of an antistatic tape for his particular
application. For best results, tape inventory should be continually replenished. It
is recommended that rolls of tape be stored flat and rotated (flipped over to the
other side) periodically. Tapes should be stored in a dry, well ventilated room with a
reasonably consistent temperature of 68°F (20°C) and be protected from exposure
to direct sunlight. Tape should not be stored in ultraviolet sunlight, moisture,
or heat.Tape over one year old should be evaluated by the user to determine
acceptability for the user’s application. Protektive Pak recommends those tracking
useful life of product to use shipping/invoice date as Protektive Pak expressly
warrants that for a period of one (1) year from the date of purchase, our Wescorp
Brand Antistatic Tape will be free of defects in material (parts) and workmanship
(labor). See details of limited warranty online at
http://www.ProtektivePak.com/Warranty.aspx.


Similar Part No. - 47021

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
470215CY ALPHAWIRE-470215CY Datasheet
408Kb / 4P
1.50 (28/0.25) mm2 Bare Copper
More results

Similar Description - 47021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81222 ETC2-81222 Datasheet
144Kb / 1P
WESCORP ESD CELLULOSE TAPE, PAPER CORE
logo
3M Electronics
203 3M-203 Datasheet
28Kb / 2P
Masking Tape
Dec-2010
213 3M-213 Datasheet
53Kb / 2P
High-Temperature Masking Tape
Feb-2011
232 3M-232 Datasheet
29Kb / 2P
High Performance Masking Tape
Feb-2011
2308 3M-2308 Datasheet
342Kb / 2P
Performance Masking Tape
Dec-2007
2364 3M-2364 Datasheet
29Kb / 2P
Performance Masking Tape
Feb-2011
2380 3M-2380 Datasheet
28Kb / 2P
Performance Masking Tape
Feb-2011
06525 3M-06525 Datasheet
29Kb / 3P
Precision Masking Tape
Sep-2011
06541 3M-06541 Datasheet
45Kb / 2P
Highland™ Masking Tape 2727
04-Oct-2007
06506 3M-06506 Datasheet
108Kb / 2P
Scotch™ Steel Gray Masking Paper
Jun-2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com