Electronic Components Datasheet Search
  English  ▼

X  

LP5900 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP5900
Description  LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5900 Datasheet(HTML) 3 Page - Texas Instruments

  LP5900 Datasheet HTML 1Page - Texas Instruments LP5900 Datasheet HTML 2Page - Texas Instruments LP5900 Datasheet HTML 3Page - Texas Instruments LP5900 Datasheet HTML 4Page - Texas Instruments LP5900 Datasheet HTML 5Page - Texas Instruments LP5900 Datasheet HTML 6Page - Texas Instruments LP5900 Datasheet HTML 7Page - Texas Instruments LP5900 Datasheet HTML 8Page - Texas Instruments LP5900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LP5900
www.ti.com
SNVS358O – JULY 2005 – REVISED MAY 2013
PIN DESCRIPTIONS (continued)
Pin No.
Symbol
Name and Function
DSBGA
WSON
Pad
GND
Common Ground. Connect to Pin 3.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VIN Pin: Input Voltage
-0.3 to 6.0V
VOUT Pin: Output Voltage
-0.3 to (VIN + 0.3V) to 6.0V (max)
VEN Pin: Enable Input Voltage
-0.3 to (VIN + 0.3V) to 6.0V (max)
Continuous Power Dissipation (4)
Internally Limited
Junction Temperature (TJMAX)
150°C
Storage Temperature Range
-65 to 150°C
Maximum Lead Temperature (Soldering, 10 sec.)
260°C
ESD Rating (5)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage.
(5)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
Operating Ratings
(1) (2)
VIN: Input Voltage Range
2.5V to 5.5V
VEN: Enable Voltage Range
0 to (VIN + 0.3V) to 5.5V (max)
Recommended Load Current
0 to 150 mA
(3)
Junction Temperature Range (TJ)
-40°C to +125°C
Ambient Temperature Range (TA)
-40°C to +85°C
(3)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is ensured. Operating Ratings do not imply ensured performance limits. For ensured performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
125°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). See applications section.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP5900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com