Electronic Components Datasheet Search
  English  ▼

X  

IXEP2300WB Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXEP2300WB
Description  300-Output ePaper Gate Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXEP2300WB Datasheet(HTML) 1 Page - IXYS Corporation

  IXEP2300WB Datasheet HTML 1Page - IXYS Corporation IXEP2300WB Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INTEGRATED CIRCUITS DIVISION
PB-IXEP2300-R01
www.ixysic.com
1
e3
Pb
Features
• 300 Output Gate Driver
• 42V HV Output Drive Capable (V
DD to VEE)
• 3.3V Logic Operation
• Internal Pattern Generator
• Reset, Blanking, Polarity Inversion
• Bypass Function
• Cascadeable With Bidirectional Shift Control
Applications
• eBooks / eReaders
• Electronic Shelf Labels / Point Of Purchase Displays
• Mobile Phones / Portable Hand Held Devices
• Smart Cards
• Signage
Ordering Information
Description
The IXEP2300 is a 300 channel, 42V display gate
driver. It has an internal pattern generator for
applications where minimal controller interface is
desirable. It also has global blanking and inversion to
facilitate powering up and down the display in the
inactive state. The IXEP2300 also features token
passing capability, and a sleep mode to reduce power
consumption.
Figure 1. Functional Block Diagram
Part
Description
IXEP2300WB
Gold Bumped Die / Wafer Form
IXEP2300XB
Gold Bumped Die / Waffle Pack
Level Translators & Drivers
Data Inversion & Overwrite
Bidirectional Shift Registers
HV Out
o[1:300]
INV/, BLANK/
HALF
tknl
CK, mode[1:2],
DCR, UP, RST/,
BYPASS
tknr
Pattern Generator
& Control
Bias Control
1
300
ON/
IXEP2300
300-Output ePaper Gate Driver


Similar Part No. - IXEP2300WB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXEH25N120 IXYS-IXEH25N120 Datasheet
182Kb / 4P
NPT3 IGBT
IXEH40N120 IXYS-IXEH40N120 Datasheet
81Kb / 4P
NPT3 IGBT
logo
Inchange Semiconductor ...
IXEH40N120 ISC-IXEH40N120 Datasheet
326Kb / 2P
NPT IGBT
logo
IXYS Corporation
IXEH40N120D1 IXYS-IXEH40N120D1 Datasheet
81Kb / 4P
NPT3 IGBT
logo
Inchange Semiconductor ...
IXEH40N120D1 ISC-IXEH40N120D1 Datasheet
358Kb / 2P
NPT IGBT
More results

Similar Description - IXEP2300WB

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16700 NEC-UPD16700 Datasheet
76Kb / 7P
256-OUTPUT TFT-LCD GATE DRIVER
UPD16780 NEC-UPD16780 Datasheet
86Kb / 16P
288/300 OUTPUT TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH1692 SHARP-LH1692 Datasheet
116Kb / 16P
300-output TFT-LCD Gate Driver IC
logo
Texas Instruments
MPT57605 TI-MPT57605 Datasheet
120Kb / 9P
256-OUTPUT TFT GATE DRIVER
logo
Renesas Technology Corp
PD16706 RENESAS-PD16706_15 Datasheet
213Kb / 14P
308/300-OUTPUT TFT-LCD GATE DRIVER
PD16708 RENESAS-PD16708_15 Datasheet
227Kb / 18P
300-OUTPUT TFT-LCD GATE DRIVER
PD16780 RENESAS-PD16780_15 Datasheet
218Kb / 18P
288/300 OUTPUT TFT-LCD SOURCE DRIVER
PD16780A RENESAS-PD16780A_15 Datasheet
246Kb / 18P
300 OUTPUT TFT-LCD SOURCE DRIVER
logo
IXYS Corporation
MX860 IXYS-MX860 Datasheet
217Kb / 2P
/-15V ePaper Source Driver
MXEI2300 IXYS-MXEI2300 Datasheet
219Kb / 2P
300-Output ePaper Gate Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com