Electronic Components Datasheet Search
  English  ▼

X  

EP3C55 Datasheet(PDF) 13 Page - Altera Corporation

Part # EP3C55
Description  Chapter Revision Dates
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C55 Datasheet(HTML) 13 Page - Altera Corporation

Back Button EP3C55 Datasheet HTML 9Page - Altera Corporation EP3C55 Datasheet HTML 10Page - Altera Corporation EP3C55 Datasheet HTML 11Page - Altera Corporation EP3C55 Datasheet HTML 12Page - Altera Corporation EP3C55 Datasheet HTML 13Page - Altera Corporation EP3C55 Datasheet HTML 14Page - Altera Corporation EP3C55 Datasheet HTML 15Page - Altera Corporation EP3C55 Datasheet HTML 16Page - Altera Corporation EP3C55 Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 274 page
background image
CIII51001-2.4
© 2012 Altera Corporation. All rights reserved. ALTERA, ARRIA, CYCLONE, HARDCOPY, MAX, MEGACORE, NIOS, QUARTUS and STRATIX words and logos
are trademarks of Altera Corporation and registered in the U.S. Patent and Trademark Office and in other countries. All other words and logos identified as
trademarks or service marks are the property of their respective holders as described at www.altera.com/common/legal.html. Altera warrants performance of its
semiconductor products to current specifications in accordance with Altera's standard warranty, but reserves the right to make changes to any products and
services at any time without notice. Altera assumes no responsibility or liability arising out of the application or use of any information, product, or service
described herein except as expressly agreed to in writing by Altera. Altera customers are advised to obtain the latest version of device specifications before relying
on any published information and before placing orders for products or services.
Cyclone III Device Handbook
Volume 1
July 2012
Subscribe
ISO
9001:2008
Registered
1. Cyclone III Device Family Overview
Cyclone® III device family offers a unique combination of high functionality, low
power and low cost. Based on Taiwan Semiconductor Manufacturing Company
(TSMC) low-power (LP) process technology, silicon optimizations and software
features to minimize power consumption, Cyclone III device family provides the ideal
solution for your high-volume, low-power, and cost-sensitive applications. To address
the unique design needs, Cyclone III device family offers the following two variants:
■
Cyclone III—lowest power, high functionality with the lowest cost
■
Cyclone III LS—lowest power FPGAs with security
With densities ranging from about 5,000 to 200,000 logic elements (LEs) and
0.5 Megabits (Mb) to 8 Mb of memory for less than ¼ watt of static power
consumption, Cyclone III device family makes it easier for you to meet your power
budget. Cyclone III LS devices are the first to implement a suite of security features at
the silicon, software, and intellectual property (IP) level on a low-power and
high-functionality FPGA platform. This suite of security features protects the IP from
tampering, reverse engineering and cloning. In addition, Cyclone III LS devices
support design separation which enables you to introduce redundancy in a single
chip to reduce size, weight, and power of your application.
This chapter contains the following sections:
■
“Cyclone III Device Family Features” on page 1–1
■
“Cyclone III Device Family Architecture” on page 1–6
■
“Reference and Ordering Information” on page 1–12
Cyclone III Device Family Features
Cyclone III device family offers the following features:
Lowest Power FPGAs
■
Lowest power consumption with TSMC low-power process technology and
Altera® power-aware design flow
■
Low-power operation offers the following benefits:
■
Extended battery life for portable and handheld applications
■
Reduced or eliminated cooling system costs
■
Operation in thermally-challenged environments
■
Hot-socketing operation support
July 2012
CIII51001-2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com