Electronic Components Datasheet Search
  English  ▼

X  

EP4CE22 Datasheet(PDF) 6 Page - Altera Corporation

Part # EP4CE22
Description  Cyclone IV FPGA Device Family Overview
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE22 Datasheet(HTML) 6 Page - Altera Corporation

Back Button EP4CE22 Datasheet HTML 2Page - Altera Corporation EP4CE22 Datasheet HTML 3Page - Altera Corporation EP4CE22 Datasheet HTML 4Page - Altera Corporation EP4CE22 Datasheet HTML 5Page - Altera Corporation EP4CE22 Datasheet HTML 6Page - Altera Corporation EP4CE22 Datasheet HTML 7Page - Altera Corporation EP4CE22 Datasheet HTML 8Page - Altera Corporation EP4CE22 Datasheet HTML 9Page - Altera Corporation EP4CE22 Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Table 1–4 lists Cyclone IV GX device package offerings, including I/O and transceiver counts.
Table 1–4. Package Offerings for the Cyclone IV GX Device Family
Package
N148
F169
F324
F484
F672
F896
Size (mm)
11 × 11
14 × 14
19 × 19
23 × 23
27 × 27
31 × 31
Pitch (mm)
0.5
1.0
1.0
1.0
1.0
1.0
Device
EP4CGX15
72
25
2
72
25
2
—
—
—
—
—
—
—
—
—
—
—
—
EP4CGX22
—
—
—
72
25
2
150
64
4
—
—
—
—
—
—
—
—
—
EP4CGX30
—
—
—
72
25
2
150
64
4
290
130
4
—
—
—
—
—
—
EP4CGX50
—
—
—
—
—
—
—
—
—
290
130
4
310
140
8
—
—
—
EP4CGX75
—
—
—
—
—
—
—
—
—
290
130
4
310
140
8
—
—
—
EP4CGX110
—
—
—
—
—
—
—
—
—
270
120
4
393
181
8
475
220
8
EP4CGX150
—
—
—
—
—
—
—
—
—
270
120
4
393
181
8
475
220
8
Note to Table 1–4:
(1) This includes both dedicated and emulated LVDS pairs. For more information, refer to the I/O Features in Cyclone IV Devices chapter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com