Electronic Components Datasheet Search
  English  ▼

X  

FLEX10K Datasheet(PDF) 21 Page - Altera Corporation

Part # FLEX10K
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10K Datasheet(HTML) 21 Page - Altera Corporation

Back Button FLEX10K Datasheet HTML 17Page - Altera Corporation FLEX10K Datasheet HTML 18Page - Altera Corporation FLEX10K Datasheet HTML 19Page - Altera Corporation FLEX10K Datasheet HTML 20Page - Altera Corporation FLEX10K Datasheet HTML 21Page - Altera Corporation FLEX10K Datasheet HTML 22Page - Altera Corporation FLEX10K Datasheet HTML 23Page - Altera Corporation FLEX10K Datasheet HTML 24Page - Altera Corporation FLEX10K Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
Altera Corporation
21
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Up/Down Counter Mode
The up/down counter mode offers counter enable, clock enable,
synchronous up/down control, and data loading options. These control
signals are generated by the data inputs from the LAB local interconnect,
the carry-in signal, and output feedback from the programmable register.
The Up/down counter mode uses 2 three-input LUTs: one generates the
counter data, and the other generates the fast carry bit. A 2-to-1
multiplexer provides synchronous loading. Data can also be loaded
asynchronously with the clear and preset register control signals, without
using the LUT resources.
Clearable Counter Mode
The clearable counter mode is similar to the up/down counter mode, but
supports a synchronous clear instead of the up/down control. The clear
function is substituted for the cascade-in signal in the up/down counter
mode. Clearable counter mode uses 2 three-input LUTs: one generates the
counter data, and the other generates the fast carry bit. Synchronous
loading is provided by a 2-to-1 multiplexer. The output of this multiplexer
is ANDed with a synchronous clear signal.
Internal Tri-State Emulation
Internal tri-state emulation provides internal tri-stating without the
limitations of a physical tri-state bus. In a physical tri-state bus, the
tri-state buffers’ output enable (OE) signals select which signal drives the
bus. However, if multiple OE signals are active, contending signals can be
driven onto the bus. Conversely, if no OE signals are active, the bus will
float. Internal tri-state emulation resolves contending tri-state buffers to a
low value and floating buses to a high value, thereby eliminating these
problems. The Altera software automatically implements tri-state bus
functionality with a multiplexer.
Clear & Preset Logic Control
Logic for the programmable register’s clear and preset functions is
controlled by the DATA3, LABCTRL1, and LABCTRL2 inputs to the LE. The
clear and preset control structure of the LE asynchronously loads signals
into a register. Either LABCTRL1 or LABCTRL2 can control the
asynchronous clear. Alternatively, the register can be set up so that
LABCTRL1
implements an asynchronous load. The data to be loaded is
driven to DATA3; when LABCTRL1 is asserted, DATA3 is loaded into the
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com