Electronic Components Datasheet Search
  English  ▼

X  

FLEX10K Datasheet(PDF) 13 Page - Altera Corporation

Part # FLEX10K
Description  Embedded Programmable Logic Device Family
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

FLEX10K Datasheet(HTML) 13 Page - Altera Corporation

Back Button FLEX10K Datasheet HTML 9Page - Altera Corporation FLEX10K Datasheet HTML 10Page - Altera Corporation FLEX10K Datasheet HTML 11Page - Altera Corporation FLEX10K Datasheet HTML 12Page - Altera Corporation FLEX10K Datasheet HTML 13Page - Altera Corporation FLEX10K Datasheet HTML 14Page - Altera Corporation FLEX10K Datasheet HTML 15Page - Altera Corporation FLEX10K Datasheet HTML 16Page - Altera Corporation FLEX10K Datasheet HTML 17Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
Altera Corporation
13
FLEX 10K Embedded Programmable Logic Device Family Data Sheet
Logic Array Block
Each LAB consists of eight LEs, their associated carry and cascade chains,
LAB control signals, and the LAB local interconnect. The LAB provides
the coarse-grained structure to the FLEX 10K architecture, facilitating
efficient routing with optimum device utilization and high performance.
See Figure 5.
Figure 5. FLEX 10K LAB
Notes:
(1)
EPF10K10, EPF10K10A, EPF10K20, EPF10K30, EPF10K30A, EPF10K40, EPF10K50, and EPF10K50V devices have
22 inputs to the LAB local interconnect channel from the row; EPF10K70, EPF10K100, EPF10K100A, EPF10K130V,
and EPF10K250A devices have 26.
(2)
EPF10K10, EPF10K10A, EPF10K20, EPF10K30, EPF10K30A, EPF10K40, EPF10K50, and EPF10K50V devices have
30 LAB local interconnect channels; EPF10K70, EPF10K100, EPF10K100A, EPF10K130V, and EPF10K250A devices
have 34 LABs.
2
8
Carry-In &
Cascade-In
LE1
LE8
LE2
LE3
LE4
LE5
LE6
LE7
Column
Interconnect
Row Interconnect
(1)
LAB Local
Interconnect (2)
Column-to-Row
Interconnect
Carry-Out &
Cascade-Out
16
24
LAB Control
Signals
See Figure 11
for details.
6
Dedicated Inputs &
Global Signals
16
4
8
4
4
4
4
4
4
4
4
4
4
2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com