Electronic Components Datasheet Search
  English  ▼

X  

AD694 Datasheet(PDF) 7 Page - Analog Devices

Part # AD694
Description  4??0 mA Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD694 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD694 Datasheet HTML 3Page - Analog Devices AD694 Datasheet HTML 4Page - Analog Devices AD694 Datasheet HTML 5Page - Analog Devices AD694 Datasheet HTML 6Page - Analog Devices AD694 Datasheet HTML 7Page - Analog Devices AD694 Datasheet HTML 8Page - Analog Devices AD694 Datasheet HTML 9Page - Analog Devices AD694 Datasheet HTML 10Page - Analog Devices AD694 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD694
REV. B
–7–
Figure 4. Using Optional Pass Transistor to Minimize Self-Heating Errors; Dual Supply Operation Shown
POWER DISSIPATION CONSIDERATIONS
The AD694 is rated for operation over its specified temperature
without the use of an external pass transistor. However, it is
possible to exceed the absolute maximum power dissipation,
with some combinations of power supply voltage and voltage
reference load. The internal dissipation of the part can be calcu-
lated to determine if there is a chance that the absolute maxi-
mum dissipation may be exceeded. The die temperature must
never exceed 150
°C.
Total power dissipation (PTOT), is the sum of power dissipated
by the internal amplifiers, P (Standing), the voltage reference,
P(VREF) and the current output stage, P(IOUT) as follows:
PTOT = P (Standing) + P (VREF) + P (IOUT)
where:
P (Standing) = 2 mA (max)
× VS
P (VREF) = (VS – VREF)
× IVREF
P(IOUT) (VS – VOUT)
× I
OUT (max):
IOUT (max) may be the max expected operating cur-
rent, or the overdriven current of the device.
P(IOUT) drops to (2 V
× IOUT) if a pass transistor
is used.
Definitions:
VREF = output voltage of reference
IVREF = output current of reference
VS = supply voltage
VOUT = voltage at IOUT pin.
An appropriate safety factor should be added to PTOT.
The junction temperature may be calculated with the following
formula:
TJ = PTOT (
θ
JC +
θ
CA) + TAMBIENT
θJC is the thermal resistance between the chip and the package
(case),
θCA is the thermal resistance between the case and its
surroundings and is determined by the characteristics of the
thermal connection of the case to ambient.
For example, assume that the part is operating with a VS of 24 V
in the CERDIP package at 50
°C, with a 1 mA load on the 10 V
reference. Assume that IOUT is grounded and that the max IOUT
would be 20 mA. The internal dissipation would be:
P(TOT) = 2 mA
× 24 V + (24 V – 10 V) × 1 mA + (24 V – 0 V) × 20 mA
= 48 mW + 14 mW + 480 mW = 542 mW
Using
θJC of 30°C/W and θCA of 70°C/W (from specifications
page), the junction temperature is:
TJ = 542 mW (30
°C/W + 70°C/W) + 50°C = 104.2°C
The junction temperature is in the safe region.
Internal power dissipation can be reduced either by reducing the
value of
θ
CA through the use of air flow or heat sinks, or by re-
ducing PTOT of the AD694 through the use of an external pass
transistor. Figure 5 shows the maximum case and still air tem-
peratures for a given level of power dissipation.
Figure 5. Internal Power Dissipation in mW
ADJUSTMENT PROCEDURES
The following sections describe methods for trimming the out-
put current offset, the span, and the voltage reference.
ADJUSTING 4 mA ZERO
The 4 mA zero current may be adjusted over the range of 2 mA
to 4.8 mA to accommodate large input signal offsets, or to allow
small adjustment in the zero current. The zero may be adjusted
by pulling up or down on Pin 6 (4 mA Adj) to increase or de-
crease the nominal offset current. The 4 mA Adj. (Pin 6) should
not be driven to a voltage greater than 1 V. The arrangement of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com