Electronic Components Datasheet Search
  English  ▼

X  

AD674BAR Datasheet(PDF) 9 Page - Analog Devices

Part # AD674BAR
Description  Complete 12-Bit A/D Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD674BAR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD674BAR Datasheet HTML 4Page - Analog Devices AD674BAR Datasheet HTML 5Page - Analog Devices AD674BAR Datasheet HTML 6Page - Analog Devices AD674BAR Datasheet HTML 7Page - Analog Devices AD674BAR Datasheet HTML 8Page - Analog Devices AD674BAR Datasheet HTML 9Page - Analog Devices AD674BAR Datasheet HTML 10Page - Analog Devices AD674BAR Datasheet HTML 11Page - Analog Devices AD674BAR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. C
–9–
TO
OUTPUT
BUFFERS
CE
CS
R/
C
A0
12/
8
NYBBLE A
ENABLE
NYBBLE B
ENABLE
NYBBLE C
ENABLE
NYBBLE = 0
ENABLE
STATUS
CLK EN
HIGH IF CONVERSION
IN PROGRESS
SAR
RESET
EOC 12
EOC 8
START CONVERT
S
R
Q
QB
READ
VALUE OF A0 AT LAST CONVERT COMMAND
D
EN
D
EN
Q
R
S
Q
Figure 9. Equivalent Internal Logic Circuitry
CONTROL LOGIC
The AD674B and AD774B contain on-chip logic to provide
conversion initiation and data read operations from signals
commonly available in microprocessor systems; this internal
logic circuitry is shown in Figure 9.
The control signals CE,
CS, and R/C control the operation of
the converter. The state of R/
C when CE and CS are both
asserted determines whether a data read (R/
C = 1) or a convert
(R/
C = 0) is in progress. The register control inputs, A
0 and
12/
8, control conversion length and data format. If a conversion
is started with A0 low, a full 12-bit conversion cycle is initiated.
If A0 is high during a convert start, a shorter 8-bit conversion
cycle results. During data read operations, A0 determines
whether the three-state buffers containing the 8 MSBs of the
conversion result (A0 = 0) or the 4 LSBs (A0 = 1) are enabled.
The 12/
8 pin determines whether the output data is to be orga-
nized as two 8-bit words (12/
8 tied to DIGITAL COMMON)
or a single 12-bit word (12/
8 tied to V
LOGIC). In the 8-bit mode,
the byte addressed when A0 is high contains the 4 LSBs from
the conversion followed by four trailing zeroes. This organiza-
tion allows the data lines to be overlapped for direct interface to
8-bit buses without the need for external three-state buffers.
An output signal, STS, indicates the status of the converter.
STS goes high at the beginning of a conversion and returns low
when the conversion cycle is complete.
Table I. Truth Table
CE
CS R/C 12/8 A
0
Operation
0
XXXX
None
X
1
XXX
None
1
0
0
X
0
Initiate 12-Bit Conversion
1
0
0
X
1
Initiate 8-Bit Conversion
1
011X
Enable 12-Bit Parallel Output
1
0100
Enable 8 Most Significant Bits
1
0101
Enable 4 LSBs + 4 Trailing Zeroes
The ADC may be operated in one of two modes, the full-control
mode and the standalone mode. The full-control mode uses all
the control signals and is useful in systems that address decode
multiple devices on a single data bus. The standalone mode is
useful in systems with dedicated input ports available. In gen-
eral, the standalone mode is capable of issuing start-convert
commands on a more precise basis and therefore produces
higher accuracy results. The following sections describe these
two modes in more detail.
FULL-CONTROL MODE
Chip Enable (CE), Chip Select (
CS), and Read/Convert (R/C)
are used to control Convert or Read modes of operation. Either
CE or
CS may be used to initiate a conversion. The state of R/C
when CE and
CS are both asserted determines whether a data
Read (R/
C = 1) or a Convert (R/C = 0) is in progress. R/C
should be LOW before both CE and
CS are asserted; if R/C is
HIGH, a Read operation will momentarily occur, possibly
resulting in system bus contention.
AD674B/AD774B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com