Electronic Components Datasheet Search
  English  ▼

X  

AD831APZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD831APZ
Description  Low Distortion Mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD831APZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD831APZ Datasheet HTML 6Page - Analog Devices AD831APZ Datasheet HTML 7Page - Analog Devices AD831APZ Datasheet HTML 8Page - Analog Devices AD831APZ Datasheet HTML 9Page - Analog Devices AD831APZ Datasheet HTML 10Page - Analog Devices AD831APZ Datasheet HTML 11Page - Analog Devices AD831APZ Datasheet HTML 12Page - Analog Devices AD831APZ Datasheet HTML 13Page - Analog Devices AD831APZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD831
–10–
AD831
–11–
The RF input to the AD831 is shown connected by an impedance
matching network for an assumed source impedance of 50 .
TPC 15 shows the input impedance of the AD831 plotted vs.
frequency. The input circuit can be modeled as a resistance in
parallel with a capacitance. The 82 pF capacitors (CF) connected
from IFN and IFP to VP provide a low-pass filter with a cutoff
frequency of approximately 140 MHz in down-conversion appli-
cations (see the Theory of Operation section for more details).
The LO input is connected single-ended because the limiting
amplifier provides a symmetric drive to the mixer. To minimize
intermodulation distortion, connect pins OUT and VFB by the
shortest possible path. The connections shown are for unity-gain
operation.
At LO frequencies less than 100 MHz, the AD831’s LO power
may be as low as –20 dBm for satisfactory operation. Above
100 MHz, the specified LO power of –10 dBm must be used.
��
������
��
���
��
��
���
�����
�����
���
�����
���
���
�����
���
�����
��
��
��
��
�����
��
����
��
����
�����
���
���
��
���
��
���
��
���
���
��
��
���
���
��
���
����
��
�
�
�
�
�
�
��
��
��
��
��
���
���
���
��
��
��
��
��
�
�
�
��
��
��������
�������
���
���
�����
�����
����
�����
��������
Figure 9. Connections for ±5 V Dual-Supply Operation Showing Impedance
Matching Network and Gain of 2 for Driving Reverse-Terminated IF Filter
APPLICATIONS
Careful component selection, circuit layout, power supply
dc coupling, and shielding are needed to minimize the AD831’s
susceptibility to interference from radio and TV stations, etc. In
bench evaluation, we recommend placing all of the components
in a shielded box and using feedthrough decoupling networks for
the supply voltage.
Circuit layout and construction are also critical, since stray capaci-
tances and lead inductances can form resonant circuits and are a
potential source of circuit peaking, oscillation, or both.
Dual-Supply Operation
Figure 9 shows the connections for dual-supply operation. Supplies
may be as low as ±4.5 V but should be no higher than ±5.5 V, due
to power dissipation.
REV. C
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com