Electronic Components Datasheet Search
  English  ▼

X  

AD1939 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1939
Description  4 ADC/8 DAC with PLL, 192 kHz, 24-Bit Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1939 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1939 Datasheet HTML 17Page - Analog Devices AD1939 Datasheet HTML 18Page - Analog Devices AD1939 Datasheet HTML 19Page - Analog Devices AD1939 Datasheet HTML 20Page - Analog Devices AD1939 Datasheet HTML 21Page - Analog Devices AD1939 Datasheet HTML 22Page - Analog Devices AD1939 Datasheet HTML 23Page - Analog Devices AD1939 Datasheet HTML 24Page - Analog Devices AD1939 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
AD1939
Rev. E | Page 21 of 32
ALRCLK
ABCLK
4 ADC CHANNELS OF
SECOND IC IN THE CHAIN
4 ADC CHANNELS OF
FIRST IC IN THE CHAIN
ADC L1 ADC R1 ADC L2 ADC R2 ADC L1 ADC R1 ADC L2 ADC R2
ASDATA1 (TDM_OUT
OF THE SECOND AD1939
IN THE CHAIN)
ADC L1 ADC R1 ADC L2 ADC R2
ASDATA2 (TDM_IN
OF THE SECOND AD1939
IN THE CHAIN)
32 BITS
MSB
DSP
SECOND
AD1939
FIRST
AD1939
Figure 22. ADC TDM Daisy-Chain Mode (512 fS ABCLK, Two-AD1939 Daisy Chain)
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LRCLK
BCLK
SDATA
LSB
LSB
LSB
LSB
LSB
LSB
LEFT CHANNEL
RIGHT CHANNEL
RIGHT CHANNEL
LEFT CHANNEL
LEFT CHANNEL
RIGHT CHANNEL
MSB
MSB
MSB
MSB
MSB
MSB
RIGHT-JUSTIFIED MODE—SELECT NUMBER OF BITS PER CHANNEL
DSP MODE—16 BITS TO 24 BITS PER CHANNEL
I2S-JUSTIFIED MODE—16 BITS TO 24 BITS PER CHANNEL
LEFT-JUSTIFIED MODE—16 BITS TO 24 BITS PER CHANNEL
LRCLK
BCLK
SDATA
LSB
LSB
NOTES
1. DSP MODE DOES NOT IDENTIFY CHANNEL.
2. LRCLK NORMALLY OPERATES AT
fS EXCEPT FOR DSP MODE, WHICH IS 2 × fS.
3. BCLK FREQUENCY IS NORMALLY 64 × LRCLK BUT MAY BE OPERATED IN BURST MODE.
MSB
MSB
1/
fS
Figure 23. Stereo Serial Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com