Electronic Components Datasheet Search
  English  ▼

X  

AD6645 Datasheet(PDF) 3 Page - Analog Devices

Part # AD6645
Description  14-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6645 Datasheet(HTML) 3 Page - Analog Devices

  AD6645 Datasheet HTML 1Page - Analog Devices AD6645 Datasheet HTML 2Page - Analog Devices AD6645 Datasheet HTML 3Page - Analog Devices AD6645 Datasheet HTML 4Page - Analog Devices AD6645 Datasheet HTML 5Page - Analog Devices AD6645 Datasheet HTML 6Page - Analog Devices AD6645 Datasheet HTML 7Page - Analog Devices AD6645 Datasheet HTML 8Page - Analog Devices AD6645 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD6645
Rev. D | Page 3 of 24
SPECIFICATIONS
DC SPECIFICATIONS
AVCC = 5 V, DVCC = 3.3 V; TMIN and TMAX at rated speed grade, unless otherwise noted.
Table 1.
AD6645ASQ-80/AD6645ASV-80
AD6645ASQ-105/AD6645ASV-105
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
14
14
Bits
ACCURACY
No Missing Codes
Full
II
Guaranteed
Guaranteed
Offset Error
Full
II
−10
+1.2
+10
−10
+1.2
+10
mV
Gain Error
Full
II
−10
0
+10
−10
0
+10
% FS
Differential Nonlinearity (DNL)
Full
II
−1.0
±0.25
+1.5
−1.0
±0.5
+1.5
LSB
Integral Nonlinearity (INL)
Full
V
±0.5
±1.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
V
1.5
1.5
ppm/°C
Gain Error
Full
V
48
48
ppm/°C
POWER SUPPLY REJECTION RATIO
(PSRR)
25°C
V
±1.0
±1.0
mV/V
REFERENCE OUT (VREF)1
Full
V
2.4
2.4
V
ANALOG INPUTS (AIN, AIN)
Differential Input Voltage Range
Full
V
2.2
2.2
V p-p
Differential Input Resistance
Full
V
1
1
kΩ
Differential Input Capacitance
25°C
1.5
1.5
pF
POWER SUPPLY
Supply Voltages
AVCC
Full
II
4.75
5.0
5.25
4.75
5.0
5.25
V
DVCC
Full
II
3.0
3.3
3.6
3.0
3.3
3.6
V
Supply Current
IAVCC (AVCC = 5.0 V)
Full
II
275
320
275
320
mA
IDVCC (DVCC = 3.3 V)
Full
II
32
45
32
45
mA
Rise Time2
AVCC
Full
IV
250
5.0
250
ms
POWER CONSUMPTION
Full
II
1.5
1.75
1.5
1.75
W
1 VREF is provided for setting the common-mode offset of a differential amplifier, such as the AD8138, when a dc-coupled analog input is required. VREF should be
buffered if used to drive additional circuit functions.
2 Specified for dc supplies with linear rise time characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com