Electronic Components Datasheet Search
  English  ▼

X  

AD7233 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7233
Description  LC2MOS 12-Bit Serial Mini-DIP DACPORT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7233 Datasheet(HTML) 1 Page - Analog Devices

  AD7233 Datasheet HTML 1Page - Analog Devices AD7233 Datasheet HTML 2Page - Analog Devices AD7233 Datasheet HTML 3Page - Analog Devices AD7233 Datasheet HTML 4Page - Analog Devices AD7233 Datasheet HTML 5Page - Analog Devices AD7233 Datasheet HTML 6Page - Analog Devices AD7233 Datasheet HTML 7Page - Analog Devices AD7233 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
INPUT SHIFT
REGISTER
12
SDIN
SCLK
SYNC
LDAC
DAC
LATCH
12
12-BIT
DAC
2R
VOUT
GND
VSS
2R
VDD
AD7233
REV. B
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS
12-Bit Serial Mini-DIP DACPORT
AD7233
GENERAL DESCRIPTION
The AD7233 is a complete 12-bit, voltage-output, digital-to-
analog converter with output amplifier and Zener voltage reference
all in an 8-lead package. No external trims are required to
achieve full specified performance. The data format is two’s
complement, and the output range is –5 V to +5 V.
The AD7233 features a fast, versatile serial interface which
allows easy connection to both microcomputers and 16-bit digital
signal processors with serial ports. When the
SYNC input is
taken low, data on the SDIN pin is clocked into the input shift
register on each falling edge of SCLK. On completion of the
16-bit data transfer, bringing
LDAC low updates the DAC latch
with the lower 12 bits of data and updates the output. Alterna-
tively,
LDAC can be tied permanently low, and in this case the
DAC register is automatically updated with the contents of the
shift register when all sixteen data bits have been clocked in.
The serial data may be applied at rates up to 5 MHz allowing a
DAC update rate of 300 kHz.
For applications which require greater flexibility and unipolar
output ranges with single supply operation, please refer to the
AD7243 data sheet.
The AD7233 is fabricated on Linear Compatible CMOS
(LC
2MOS), an advanced, mixed-technology process. It is pack-
aged in an 8-lead DIP package.
PRODUCT HIGHLIGHTS
1. Complete 12-Bit DACPORT
®.
2. The AD7233 is a complete, voltage output, 12-bit DAC on a
single chip. This single-chip design is inherently more reli-
able than multichip designs.
3. Simple 3-wire interface to most microcontrollers and DSP
processors.
4. DAC Update Rate—300 kHz.
5. Space Saving 8-Lead Package.
FEATURES
12-Bit CMOS DAC with
On-Chip Voltage Reference
Output Amplifier
–5 V to +5 V Output Range
Serial Interface
300 kHz DAC Update Rate
Small Size: 8-Pin Mini-DIP
Nonlinearity:
1/2 LSB TMIN to TMAX
Low Power Dissipation: 100 mW Typ
APPLICATIONS
Process Control
Industrial Automation
Digital Signal Processing Systems
Input/Output Ports
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
DACPORT is a registered trademark of Analog Devices, Inc.


Similar Part No. - AD7233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
AD7233AN AD-AD7233AN Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
AD7233BN AD-AD7233BN Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
AD7233 AD-AD7233_15 Datasheet
103Kb / 8P
LC MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
More results

Similar Description - AD7233

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7233 AD-AD7233 Datasheet
99Kb / 8P
LC2MOS 12-Bit Serial Mini-DIP DACPORT
AD7243 AD-AD7243 Datasheet
171Kb / 12P
LC2MOS 12-Bit Serial DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
LC2MOS 12-Bit DACPORT
AD7249 AD-AD7249 Datasheet
149Kb / 12P
LC2MOS Dual 12-Bit Serial DACPORT
REV.C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
LC2MOS 12-BiT DACPORT
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
LC2MOS 12-Bit DACPORT
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
LC2MOS 12-Bit Serial DACPORT
REV. A
AD7233 AD-AD7233_15 Datasheet
103Kb / 8P
LC MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
LC2MOS 12-Bit Serial DACPORT
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com