Electronic Components Datasheet Search
  English  ▼

X  

AD5440 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5440
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5440 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5440 Datasheet HTML 14Page - Analog Devices AD5440 Datasheet HTML 15Page - Analog Devices AD5440 Datasheet HTML 16Page - Analog Devices AD5440 Datasheet HTML 17Page - Analog Devices AD5440 Datasheet HTML 18Page - Analog Devices AD5440 Datasheet HTML 19Page - Analog Devices AD5440 Datasheet HTML 20Page - Analog Devices AD5440 Datasheet HTML 21Page - Analog Devices AD5440 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD5405
Rev. B | Page 17 of 24
onsequently, the slew rate and settling time of a voltage-
the output op
onfiguration,
c
n
n
ppli
on) of the DAC. This is done by using low in
t
nce
fer amplifiers and c
oard design.
Most single-supply circuits include ground as part of the analog
signal range, which in turn requires an amplifier that can
handle rail-to-rail signals. Analog Devices offers a wide range of
ppl
rs
T
. Su
le ADI Precision References
.
put Voltage (V)
l Tolerance (%)
mp Drift (ppm/°C)
(mA)
tput Noise (μV p-p)
C
switching DAC circuit is determined largely by
amp. To obtain minimum settling time in this c
minimize apacitance at the VREF ode (the voltage output ode
single-su
in this a
cati
pu
capacita
buf
areful b
y amplifie , as listed in Table 8 and able 9.
Table 7
itab
Part No
Out
Initia
Te
ISS
Ou
Package
ADR01
10
0.05
3
1
20
SOIC-8
ADR01
10
0.05
9
1
20
TSOT-23, SC70
ADR02
5
0.06
3
1
10
SOIC-8
ADR02
5
0.06
9
1
10
, SC70
TSOT-23
ADR03
2.5
0.10
3
1
6
SOIC-8
ADR03
2.5
0.10
9
1
6
TSOT-23, SC70
ADR06
3
0.10
3
1
10
SOIC-8
ADR06
3
0.10
9
1
10
TSOT-23, SC70
ADR431
2.5
0.04
3
3.5
SOIC-8
0.8
ADR435
5
0.04
3
0.8
8
SOIC-8
ADR391
2
0.16
0.12
.5
9
5
TSOT-23
ADR395
5
0.10
9
0.12
8
TSOT-23
Table 8. Sui
I Precision Op
ps
art No.
Supply Voltage (V)
VOS (Max) (μV)
IB (Max) (nA)
z to 10 Hz
Noise (μV p-p)
Supply Current (μA)
Package
table AD
Am
P
0.1 H
OP97
±2 to ±20
25
0.1
0.5
600
SOIC-8
OP1177
±2.5 to ±15
60
2
5
OP, SOIC-8
0.4
00
MS
AD8551
2.7 to 5
5
0.
9
05
1
75
MSOP, SOIC-8
AD8603
1.8 to 6
0.001
2.3
50
50
TSOT
AD8628
2.7 to 6
0.1
0.5
850
5
TSOT, SOIC-8
Table 9. Suitable ADI High Speed Op Amps
art No.
Supply Voltage (V)
BW @ ACL (MHz)
Slew Rate (V/μs)
VOS (Max) (μV)
IB (Max) (nA)
Package
P
AD8065
5 to 24
145
180
1,500
6,000
SOIC-8, SOT-23, MSOP
AD8021
±2.5 to ±12
490
120
1,000
10,500
SOIC-8, MSOP
AD8038
3 to 12
350
425
3,000
750
SOIC-8, SC70-5
AD9631
±3 to ±6
320
1,300
10,000
7,000
SOIC-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com