Electronic Components Datasheet Search
  English  ▼

X  

AD7397AR Datasheet(PDF) 11 Page - Analog Devices

Part # AD7397AR
Description  3 V, Parallel Input Dual 12-Bit /10-Bit DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7397AR Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7397AR Datasheet HTML 4Page - Analog Devices AD7397AR Datasheet HTML 5Page - Analog Devices AD7397AR Datasheet HTML 6Page - Analog Devices AD7397AR Datasheet HTML 7Page - Analog Devices AD7397AR Datasheet HTML 8Page - Analog Devices AD7397AR Datasheet HTML 9Page - Analog Devices AD7397AR Datasheet HTML 10Page - Analog Devices AD7397AR Datasheet HTML 11Page - Analog Devices AD7397AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7396/AD7397
–11–
REV. 0
allowing any new Input Register data updates to directly control
the DAC output voltages for single-buffered applications. For
doubled-buffered applications where both DAC outputs, VOUTA
and VOUTB, need to be changed simultaneously to a new value,
the two inputs,
LDA and LDB, can be tied together and pulsed
active low in a synchronous manner.
RESET (
RS) PIN
Forcing the asynchronous
RS pin low will set the Input and
DAC registers to all zeros and the DAC output voltage will be
zero volts. The reset function is useful for setting the DAC
outputs to zero at power-up or after a power supply interrup-
tion. Test systems and motor controllers are two of many appli-
cations that benefit from powering up to a known state. The
external reset pulse can be generated by the microprocessor’s
power-on RESET signal, from the microprocessor, or by an
external resistor and capacitor. RESET has a Schmitt trigger
input which results in a clean reset function when using external
resistor/capacitor generated pulses. See Table I, Control-Logic
Truth.
POWER SHUTDOWN (
SHDN)
Maximum power savings can be achieved by using the power
shutdown control function. This hardware-activated feature is
controlled by the active low input
SHDN pin. This pin has a
Schmitt trigger input which helps to desensitize it to slowly
changing inputs. By placing a logic low on this pin the internal
consumption of the AD7397 or AD7397 is reduced to nanoamp
levels, guaranteed to 1.5
µA maximum over the operating tem-
perature range. If power is present at all times on the VDD pin
while in the shutdown mode, the internal DAC register will
retain the last programmed data value. This data will be used
when the part is returned to the normal active state by placing
the DAC back to its programmed voltage setting. Shutdown
recovery time measures 80
µs. In the shutdown state the DAC
output amplifier exhibits an open-circuit high-resistance state.
Any load connected will stabilize at its termination voltage. If
the power shutdown feature is not needed then the user should
tie the
SHDN pin to the V
DD voltage thereby disabling this
function.
UNIPOLAR OUTPUT OPERATION
This is the basic mode of operation for the AD7396. As shown
in Figure 29, the AD7396 has been designed to drive loads as
low as 5 k
Ω in parallel with 100 pF. The code table for this
operation is shown in Table II.
DAC A
DAC B
VREF
DIGITAL
VDD
DGND
AGND
AD7396
EXT
REF
C
16/14
75k
75k
100pF
100pF
VOUTA
VOUTB
0.1 F
10 F
+2.7V TO +5.5V
R
0.01 F
DIGITAL INTERFACE
CIRCUITRY OMITTED
FOR CLARITY.
Figure 29. Unipolar Output Operation
Table II. Unipolar Code Table
Hexadecimal
Decimal
Output
Number
Number
Voltage (V)
In DAC Register
In DAC Register
(VREF = 2.5 V)
FFF
4095
2.4994
801
2049
1.2506
800
2048
1.2500
7FF
2047
1.2494
000
0
0
The circuit can be configured with an external reference plus
power supply, or powered from a single dedicated regulator or
reference, depending on the application performance requirements.
BIPOLAR OUTPUT OPERATION
Although the AD7397 has been designed for single supply op-
eration, the output can easily be configured for bipolar opera-
tion. A typical circuit is shown in Figure 30. This circuit uses a
clean regulated +5 V supply for power, which also provides
the circuit’s reference voltage. Since the AD7397 output span
swings from ground to very near +5 V, it is necessary to choose
an external amplifier with a common-mode input voltage range
that extends to its positive supply rail. The micropower con-
sumption OP196 has been designed just for this purpose and
results in only 50
µA of maximum current consumption. Con-
nection of the equal-value 470 k
Ω resistors results in a differen-
tial amplifier mode of operation with a voltage gain of two,
which produces a circuit output span of ten volts, that is,
–5 V to +5 V. As the AD7397 DAC is programmed from zero-
code 000H to midscale 200H to full-scale 3FFH, the circuit out-
put voltage VO is set at –5 V, 0 V and +5 V (–1 LSB). The
output voltage VO is coded in offset binary according to
Equation 3.
VOUT = [(D/512)–1]
× 5
(4)
where D is the decimal code loaded in the AD7397 DAC regis-
ter. Note that the LSB step size is 10/1024 = 10 mV. This
circuit has been optimized for micropower consumption includ-
ing the 470 k
Ω gain setting resistors, which should have low
temperature coefficients to maintain accuracy and matching
(preferably the same resistor material, such as metal film). If
better stability is required, the power supply could be substi-
tuted with a precision reference voltage such as the low dropout
REF195, which can easily supply the circuit’s 262
µA of current
and still provide additional power for the load connected to VO.
The micropower REF195 is guaranteed to source 10 mA output
drive current, but consumes only 50
µA internally. If higher
resolution is required, the AD7396 can be used with the addi-
tion of two more bits of data inserted into the software coding,
which would result in a 2.5 mV LSB step size. Table III shows
examples of nominal output voltages, VO, provided by the bipo-
lar operation circuit application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com