Electronic Components Datasheet Search
  English  ▼

X  

AD7940 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7940
Description  14-Bit, 500 kSPS PulSAR ADC in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7940 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7940 Datasheet HTML 10Page - Analog Devices AD7940 Datasheet HTML 11Page - Analog Devices AD7940 Datasheet HTML 12Page - Analog Devices AD7940 Datasheet HTML 13Page - Analog Devices AD7940 Datasheet HTML 14Page - Analog Devices AD7940 Datasheet HTML 15Page - Analog Devices AD7940 Datasheet HTML 16Page - Analog Devices AD7940 Datasheet HTML 17Page - Analog Devices AD7940 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7946
Rev. A | Page 14 of 24
tolerated. The THD degrades as a function of the source
impedance and the maximum input frequency, as shown in
Figure 28.
FREQUENCY (kHz)
–105
–110
–100
–90
–95
–85
–80
0
255075
100
RS = 33Ω
RS = 50Ω
RS =100Ω
RS = 250Ω
Figure 28. THD vs. Analog Input Frequency and Source Resistance
DRIVER AMPLIFIER CHOICE
Although the AD7946 is easy to drive, the driver amplifier
needs to meet the following requirements:
•
The noise generated by the driver amplifier needs to be
kept as low as possible to preserve the SNR and transition
noise performance of the AD7946. Note that the AD7946
has a noise much lower than most of the other 14-bit
ADCs and, therefore, can be driven by a noisier amplifier
to meet a given system noise specification. The noise
coming from the amplifier is filtered by the AD7946 analog
input circuit 1-pole, low-pass filter made by RIN and CIN or
by the external filter, if one is used.
•
For ac applications, the driver should have a THD perform-
ance commensurate with the AD7946. Figure 17 shows the
THD vs. frequency that the driver should exceed.
•
For multichannel multiplexed applications, the driver
amplifier and the AD7946 analog input circuit must settle a
full-scale step onto the capacitor array at a 14-bit level
(0.006%). In the amplifier’s data sheet, settling at 0.1% to
0.01% is more commonly specified. This could differ
significantly from the settling time at a 14-bit level and
should be verified prior to driver selection.
Table 8. Recommended Driver Amplifiers
Amplifier
Typical Application
ADA4841
Very low noise, small and low power
AD8021
Very low noise and high frequency
AD8655
5 V single-supply, low noise, and low power
AD8022
Low noise and high frequency
OP184
Low power, low noise, and low frequency
AD8605, AD8615
5 V single-supply, low power
AD8519
Small, low power, and low frequency
AD8031
High frequency and low power
VOLTAGE REFERENCE INPUT
The AD7946 voltage reference input REF has a dynamic input
impedance and should therefore be driven by a low impedance
source with efficient decoupling between the REF and GND
pins, as explained in the Layout section.
When REF is driven by a very low impedance source, for
example, a reference buffer using the AD8031 or the AD8603, a
10 μF (X5R, 0805 size) ceramic chip capacitor is appropriate for
optimum performance.
If an unbuffered reference voltage is used, the decoupling value
depends on the reference used. For instance, a 22 μF (X5R,
1206 size) ceramic chip capacitor is appropriate for optimum
performance using a low temperature drift ADR43x reference.
If desired, smaller reference decoupling capacitor values down
to 2.2 μF can be used with a minimal impact on performance,
especially DNL.
Regardless, there is no need for an additional lower value ceramic
decoupling capacitor (for example, 100 nF) between the REF
and GND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com