Electronic Components Datasheet Search
  English  ▼

X  

AD7680 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7680
Description  14-Bit, 500 kSPS PulSAR ADC in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7680 Datasheet HTML 4Page - Analog Devices AD7680 Datasheet HTML 5Page - Analog Devices AD7680 Datasheet HTML 6Page - Analog Devices AD7680 Datasheet HTML 7Page - Analog Devices AD7680 Datasheet HTML 8Page - Analog Devices AD7680 Datasheet HTML 9Page - Analog Devices AD7680 Datasheet HTML 10Page - Analog Devices AD7680 Datasheet HTML 11Page - Analog Devices AD7680 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7946
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
4096
8192
12288
16384
POSITIVE INL = +0.17LSB
NEGATIVE INL = –0.26LSB
Figure 6. Integral Nonlinearity vs. Code
0
50000
100000
150000
200000
250000
300000
2009
200A
200B
200C
200D
200E
200F
CODE IN HEX
00
0
0
261120
0
0
VDD = REF = 5V
Figure 7. Histogram of a DC Input at the Code Center
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
20
40
60
80 100 120 140 160 180 200 220 240
8192 POINT FFT
VDD = REF = 5V
fS = 500kSPS
fIN = 20.14kHz
SNR = 85.3dB
THD = –105.2dB
SECOND HARMONIC = –106dB
THIRD HARMONIC = –110dB
Figure 8. FFT Plot
CODE
POSITIVE DNL = +0.20LSB
NEGATIVE DNL = –0.13LSB
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
4096
8192
12288
16384
Figure 9. Differential Nonlinearity vs. Code
0
25000
50000
75000
100000
125000
150000
2059
205A
205B
205C
205D
205E
CODE IN HEX
0
0
131592
129528
0
0
VDD = REF = 5V
Figure 10. Histogram of a DC Input at the Code Transition
INPUT LEVEL (dB)
80
82
84
86
88
90
–10
–8–6–4–2
Figure 11. SNR vs. Input Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com