Electronic Components Datasheet Search
  English  ▼

X  

AD5543 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5543
Description  Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5543 Datasheet(HTML) 4 Page - Analog Devices

  AD5543 Datasheet HTML 1Page - Analog Devices AD5543 Datasheet HTML 2Page - Analog Devices AD5543 Datasheet HTML 3Page - Analog Devices AD5543 Datasheet HTML 4Page - Analog Devices AD5543 Datasheet HTML 5Page - Analog Devices AD5543 Datasheet HTML 6Page - Analog Devices AD5543 Datasheet HTML 7Page - Analog Devices AD5543 Datasheet HTML 8Page - Analog Devices AD5543 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD5405
Rev. B | Page 3 of 24
SPECIFICATIONS1
VDD = 2.5 V to 5.5 V, VREF = 10 V, IOUT2 = 0 V. Temperature range for Y version: −40°C to +125°C. All specifications TMIN to TMAX, unless
otherwise noted. DC performance is measured with OP177, and ac performance is measured with AD8038, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
STATIC PERFORMANCE
Resolution
12
Bits
Relative Accuracy
±1
LSB
Differential Nonlinearity
−1/+2
LSB
Guaranteed monotonic
Gain Error
±25
mV
Gain Error Temperature Coefficient
±5
ppm FSR/°C
Bipolar Zero-Code Error
±25
mV
Output Leakage Current
±1
nA
Data = 0x0000, TA = 25°C, IOUT1
±15
nA
Data = 0x0000, TA = −40°C to +125°C, IOUT1
REFERENCE INPUT
Reference Input Range
±10
V
VREFA, VREFB Input Resistance
8
10
13
kΩ
Input resistance TC = −50 ppm/°C
VREFA-to-VREFB Input Resistance
Mismatch
1.6
2.5
%
Typ = 25°C, max = 125°C
R1, RFB Resistance
17
20
25
kΩ
Input resistance TC = −50 ppm/°C
R2, R3 Resistance
17
20
25
kΩ
Input resistance TC = −50 ppm/°C
R2-to-R3 Resistance Mismatch
0.06
0.18
%
Typ = 25°C, max = 125°C
Input Capacitance
Code 0
3.5
pF
Code 4095
3.5
pF
DIGITAL INPUTS/OUTPUT
Input High Voltage, VIH
1.7
V
VDD = 3.6 V to 5.5 V
1.7
V
VDD = 2.5 V to 3.6 V
Input Low Voltage, VIL
0.8
V
VDD = 2.7 V to 5.5 V
0.7
V
VDD = 2.5 V to 2.7 V
Output High Voltage, VOH
VDD − 1
V
VDD = 4.5 V to 5.5 V, ISOURCE = 200 μA
VDD − 0.5
V
VDD = 2.5 V to 3.6 V, ISOURCE = 200 μA
Output Low Voltage, VOL
0.4
V
VDD = 4.5 V to 5.5 V, ISINK = 200 μA
0.4
V
VDD = 2.5 V to 3.6 V, ISINK = 200 μA
Input Leakage Current, IIL
1
μA
Input Capacitance
4
10
pF
DYNAMIC PERFORMANCE
Reference-Multiplying BW
10
MHz
VREF = ±3.5 V p-p, DAC loaded all 1s
Output Voltage Settling Time
RLOAD = 100 Ω, CLOAD = 15 pF, VREF = 10 V
DAC latch alternately loaded with 0s and 1s
Measured to ±1 mV of FS
80
120
ns
Measured to ±4 mV of FS
35
70
ns
Measured to ±16 mV of FS
30
60
ns
Digital Delay
20
40
ns
Interface time delay
10% to 90% Settling Time
15
30
ns
Rise and fall times
Digital-to-Analog Glitch Impulse
3
nV-sec
1 LSB change around major carry, VREF = 0 V
Multiplying Feedthrough Error
DAC latch loaded with all 0s, VREF = ±3.5 V
70
dB
1 MHz
48
dB
10 MHz
Output Capacitance
12
17
pF
DAC latches loaded with all 0s
25
30
pF
DAC latches loaded with all 1s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com