Electronic Components Datasheet Search
  English  ▼

X  

AD7694 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7694
Description  14-Bit, 500 kSPS PulSAR ADC in MSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7694 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7694 Datasheet HTML 5Page - Analog Devices AD7694 Datasheet HTML 6Page - Analog Devices AD7694 Datasheet HTML 7Page - Analog Devices AD7694 Datasheet HTML 8Page - Analog Devices AD7694 Datasheet HTML 9Page - Analog Devices AD7694 Datasheet HTML 10Page - Analog Devices AD7694 Datasheet HTML 11Page - Analog Devices AD7694 Datasheet HTML 12Page - Analog Devices AD7694 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7946
Rev. A | Page 9 of 24
REFERENCE VOLTAGE (V)
90.0
87.5
85.0
82.5
80.0
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
13.0
13.5
14.0
14.5
15.0
SNR
SINAD
ENOB
Figure 12. SNR, SINAD, and ENOB vs. Reference Voltage
TEMPERATURE (°C)
80.0
82.5
85.0
87.5
90.0
–55
–35
–15
5
25
45
65
85
105
125
REF = 5V
Figure 13. SNR vs. Temperature
FREQUENCY (kHz)
70
75
80
85
90
95
100
0
50
100
150
200
REF = 5V, –10dB
REF = 5V, –1dB
Figure 14. SINAD vs. Frequency
SFDR
THD
REFERENCE VOLTAGE (V)
–120
–115
–110
–105
–100
–95
–90
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Figure 15. THD, SFDR vs. Reference Voltage
TEMPERATURE (°C)
–130
–120
–110
–100
–90
–55
–35
–15
5
25
45
65
85
105
125
REF = 5V
Figure 16. THD vs. Temperature
FREQUENCY (kHz)
–120
–110
–100
–90
–80
–70
–60
0
50
100
150
200
REF = 5V, –1dB
REF = 5V, –10dB
Figure 17. THD vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com