Electronic Components Datasheet Search
  English  ▼

X  

CAT809 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CAT809
Description  3-Pin Microprocessor Power Supply Supervisors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT809 Datasheet(HTML) 1 Page - ON Semiconductor

  CAT809 Datasheet HTML 1Page - ON Semiconductor CAT809 Datasheet HTML 2Page - ON Semiconductor CAT809 Datasheet HTML 3Page - ON Semiconductor CAT809 Datasheet HTML 4Page - ON Semiconductor CAT809 Datasheet HTML 5Page - ON Semiconductor CAT809 Datasheet HTML 6Page - ON Semiconductor CAT809 Datasheet HTML 7Page - ON Semiconductor CAT809 Datasheet HTML 8Page - ON Semiconductor CAT809 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 33
1
Publication Order Number:
CAT803/D
CAT803, CAT809, CAT810
3-Pin Microprocessor
Power Supply Supervisors
Description
The CAT803, CAT809, and CAT810 are supervisory circuits that
monitor power supplies in digital systems. The CAT803, CAT809, and
CAT810 are direct replacements for the MAX803, MAX809 and
MAX810 in applications operating over the industrial temperature range.
These devices generate a reset signal, which is asserted while the
power supply voltage is below a preset threshold level and for at least
140 ms after the power supply level has risen above that level. The
underlying floating gate technology, Analog EEPROM used by
ON Semiconductor, makes it possible to offer any custom reset
threshold value. Seven industry standard threshold levels are offered
to support +5.0 V, +3.3 V, +3.0 V and +2.5 V systems.
The CAT803 has an open−drain RESET output (active LOW). The
CAT803 requires a pull−up resistor on the reset output.
The CAT809 features a push−pull RESET output (active LOW) and
the CAT810 features a push−pull RESET output (active HIGH).
Fast transients on the power supply are ignored and the output is
guaranteed to be in the correct state at VCC levels as low as 1.0 V.
The CAT803, CAT809, and CAT810 are available in both the
compact 3−pin SOT−23 and SC−70 packages.
Features
• Precision Monitoring of
+5.0 V (−5%, −10%, −20%),
+3.3 V (−5%, −10%),
+3.0 V (−10%) and
+2.5 V (−5%) Power Supplies
• Offered in Three Output Configurations:
− CAT803: Open−Drain Active LOW Reset
− CAT809: Push−Pull Active LOW Reset
− CAT810: Push−Pull Active HIGH Reset
• Direct Replacements for the MAX803, MAX809 and MAX810 in
Applications Operating over the Industrial Temperature Range
• Reset Valid down to VCC = 1.0 V
• 6 mA Power Supply Current
• Power Supply Transient Immunity
• Industrial Temperature Range: −40°C to +85°C
• Available in SOT−23 and SC−70 Packages
• These Devices are Pb−Free and are RoHS Compliant
Applications
• Computers, Servers, Laptops, Cable Modems
• Wireless Communications
• Embedded Control Systems
• White Goods, Power Meters
• Intelligent Instruments
• PDAs and Handheld Equipment
http://onsemi.com
PIN CONFIGURATION
VCC
RESET
(RESET)
GND
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
(Top View)
SOT−23
TB SUFFIX
CASE 527AG
SC−70
SD SUFFIX
CASE 419AB
2
3
CAT803
CAT809
(CAT810)
3−Lead SOT23
3−Lead SC70
XXXMG
G
XXX
= Specific Device Code
M
= Month Code
G
= Pb−Free Package
XXXMG
G
MARKING DIAGRAMS
(*Note: Microdot may be in either location)
SOT−23
SC−70


Similar Part No. - CAT809

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT809 CATALYST-CAT809 Datasheet
62Kb / 13P
3-Pin Microprocessor Power Supply Supervisors
CAT809 CATALYST-CAT809 Datasheet
867Kb / 28P
Catalyst Semiconductor
logo
ON Semiconductor
CAT809 ONSEMI-CAT809 Datasheet
583Kb / 14P
3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3004, Rev. AA
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809 ONSEMI-CAT809 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
More results

Similar Description - CAT809

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT803 CATALYST-CAT803 Datasheet
790Kb / 14P
3-Pin Microprocessor Power Supply Supervisors
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
logo
ON Semiconductor
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com