Electronic Components Datasheet Search
  English  ▼

X  

CAT5113 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT5113
Description  100?릘ap Digital Potentiometer (POT)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT5113 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT5113 Datasheet HTML 1Page - ON Semiconductor CAT5113 Datasheet HTML 2Page - ON Semiconductor CAT5113 Datasheet HTML 3Page - ON Semiconductor CAT5113 Datasheet HTML 4Page - ON Semiconductor CAT5113 Datasheet HTML 5Page - ON Semiconductor CAT5113 Datasheet HTML 6Page - ON Semiconductor CAT5113 Datasheet HTML 7Page - ON Semiconductor CAT5113 Datasheet HTML 8Page - ON Semiconductor CAT5113 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CAT5113
http://onsemi.com
4
Table 1. OPERATION MODES
INC
CS
U/D
Operation
High to Low
Low
High
Wiper toward H
High to Low
Low
Low
Wiper toward L
High
Low to High
X
Store Wiper Position
Low
Low to High
X
No Store, Return to Standby
X
High
X
Standby
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Supply Voltage
VCC to GND
−0.5 to +7
V
Inputs
CS to GND
−0.5 to VCC +0.5
V
INC to GND
−0.5 to VCC +0.5
V
U/D to GND
−0.5 to VCC +0.5
V
H to GND
−0.5 to VCC +0.5
V
L to GND
−0.5 to VCC +0.5
V
W to GND
−0.5 to VCC +0.5
V
Operating Ambient Temperature
Commercial (‘C’ or Blank suffix)
0 to 70
C
Industrial (‘I’ suffix)
−40 to +85
C
Junction Temperature
+150
C
Storage Temperature
−65 to 150
C
Lead Soldering (10 s max)
+300
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
Table 3. RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP (Note 1)
ESD Susceptibility
MIL−STD−883, Test Method 3015
2000
V
ILTH (Notes 1, 2)
Latch-Up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL−STD−883, Test Method 1008
100
Years
NEND
Endurance
MIL−STD−883, Test Method 1003
1,000,000
Stores
1. This parameter is tested initially and after a design or process change that affects the parameter.
2. Latch-up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com