Electronic Components Datasheet Search
  English  ▼

X  

LM2575 Datasheet(PDF) 13 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button LM2575 Datasheet HTML 9Page - ON Semiconductor LM2575 Datasheet HTML 10Page - ON Semiconductor LM2575 Datasheet HTML 11Page - ON Semiconductor LM2575 Datasheet HTML 12Page - ON Semiconductor LM2575 Datasheet HTML 13Page - ON Semiconductor LM2575 Datasheet HTML 14Page - ON Semiconductor LM2575 Datasheet HTML 15Page - ON Semiconductor LM2575 Datasheet HTML 16Page - ON Semiconductor LM2575 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
13
INDUCTOR VALUE SELECTION GUIDE
IL, MAXIMUM LOAD CURRENT (A)
IL, MAXIMUM LOAD CURRENT (A)
0.2
60
0.2
60
0.2
60
Figure 17. LM2575−3.3
IL, MAXIMUM LOAD CURRENT (A)
Figure 18. LM2575−5.0
Figure 19. LM2575−12
Figure 20. LM2575−15
Figure 21. LM2575−Adj
NOTE: This Inductor Value Selection Guide is applicable for continuous mode only.
H1500
H1000
L680
L470
L330
L150
H1000
L100
L680
L470
L330
L220
L150
H1500
H1000
H680
H2200
H470
L680
L470
L220
L330
40
40
20
35
25
15
30
20
10
25
15
8.0
22
12
7.0
20
10
6.0
19
9.0
18
8.0
17
7.0
5.0
0.3
0.3
0.3
0.4
0.4
0.4
0.5
0.5
0.5
0.6
0.6
0.6
0.7
0.7
0.8
0.8
0.8
0.9
0.9
1.0
1.0
1.0
L220
IL, MAXIMUM LOAD CURRENT (A)
0.2
60
H1500
H1000
H470
H680
H2200
L680
L470
L220
L330
40
30
25
20
18
17
16
14
0.3
0.4
0.5
0.6
0.7 0.8 0.9 1.0
15
0.2
200
IL, MAXIMUM LOAD CURRENT (A)
H680
H2200
H1500
H1000
H470
L330
L220
L150
L680
L470
L100
150
125
100
80
70
60
50
40
20
0.3
0.4
0.5
0.6
0.7
0.8 0.9 1.0
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com