Electronic Components Datasheet Search
  English  ▼

X  

MZP4729A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MZP4729A
Description  3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MZP4729A Datasheet(HTML) 4 Page - ON Semiconductor

  MZP4729A Datasheet HTML 1Page - ON Semiconductor MZP4729A Datasheet HTML 2Page - ON Semiconductor MZP4729A Datasheet HTML 3Page - ON Semiconductor MZP4729A Datasheet HTML 4Page - ON Semiconductor MZP4729A Datasheet HTML 5Page - ON Semiconductor MZP4729A Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MZP4729A Series
http://onsemi.com
4
APPLICATION NOTE
Since the actual voltage available from a given zener
diode is temperature dependent, it is necessary to determine
junction temperature under any set of operating conditions
in order to calculate its value. The following procedure is
recommended:
Lead Temperature, TL, should be determined from:
TL = qLA PD + TA
qLA is the lead‐to‐ambient thermal resistance (°C/W) and
PD is the power dissipation. The value for
qLA will vary and
depends on the device mounting method.
qLA is generally
30-40
°C/W for the various clips and tie points in common
use and for printed circuit board wiring.
The temperature of the lead can also be measured using a
thermocouple placed on the lead as close as possible to the
tie point. The thermal mass connected to the tie point is
normally large enough so that it will not significantly
respond to heat surges generated in the diode as a result of
pulsed operation once steady‐state conditions are achieved.
Using the measured value of TL, the junction temperature
may be determined by:
TJ = TL + DTJL
DTJL is the increase in junction temperature above the lead
temperature and may be found from Figure 2 for a train of
power pulses (L = 3/8 inch) or from Figure 10 for dc power.
DTJL = qJL PD
For worst‐case design, using expected limits of IZ, limits
of PD and the extremes of TJ (
DTJ) may be estimated.
Changes in voltage, VZ, can then be found from:
DV = qVZ DTJ
qVZ, the zener voltage temperature coefficient, is found
from Figures 5 and 6.
Under high power‐pulse operation, the zener voltage will
vary with time and may also be affected significantly by the
zener resistance. For best regulation, keep current
excursions as low as possible.
Data of Figure 2 should not be used to compute surge
capability. Surge limitations are given in Figure 3. They are
lower than would be expected by considering only junction
temperature, as current crowding effects cause temperatures
to be extremely high in small spots resulting in device
degradation should the limits of Figure 3 be exceeded.
Figure 5. Units to 12 Volts
Figure 6. Units 10 to 400 Volts
TEMPERATURE COEFFICIENT RANGES
(90% of the Units are in the Ranges Indicated)
VZ, ZENER VOLTAGE @ IZT (VOLTS)
34
5
6
7
8
9
10
11
12
10
8
6
4
2
0
-2
-4
RANGE
1000
500
200
100
50
20
10
10
20
50
100
200
400
1000
VZ, ZENER VOLTAGE @ IZT (VOLTS)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com