Electronic Components Datasheet Search
  English  ▼

X  

10AM20 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 10AM20
Description  20 Watts, 20 Volts, Class A Linear to 1000 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

10AM20 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  10AM20 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 10AM20

ManufacturerPart #DatasheetDescription
logo
GHz Technology
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
20 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
NXP Semiconductors
10AM20 NXP-10AM20 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - 10AM20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
10A030 ETC1-10A030 Datasheet
56Kb / 2P
3 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
GHz Technology
10A015 GHZTECH-10A015 Datasheet
292Kb / 3P
1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
10A060 GHZTECH-10A060 Datasheet
58Kb / 2P
6 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM05 GHZTECH-10AM05 Datasheet
139Kb / 3P
5.0 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
20 Watts, 20 Volts, Class A Linear to 1000 MHz
23A005 GHZTECH-23A005 Datasheet
110Kb / 3P
0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
23A017 GHZTECH-23A017 Datasheet
33Kb / 2P
1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
23A025 GHZTECH-23A025 Datasheet
32Kb / 2P
2.5 Watts, 20 Volts, Class A Linear to 2300 MHz
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
11 Watts, 20 Volts, Class A Linear to 1000 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com